전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSPIC30F6015T-30E/PT 데이터시트(PDF) 22 Page - Microchip Technology

부품명 DSPIC30F6015T-30E/PT
상세설명  High-Performance, 16-Bit Digital Signal Controllers
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F6015T-30E/PT 데이터시트(HTML) 22 Page - Microchip Technology

Back Button DSPIC30F6015T-30E/PT Datasheet HTML 18Page - Microchip Technology DSPIC30F6015T-30E/PT Datasheet HTML 19Page - Microchip Technology DSPIC30F6015T-30E/PT Datasheet HTML 20Page - Microchip Technology DSPIC30F6015T-30E/PT Datasheet HTML 21Page - Microchip Technology DSPIC30F6015T-30E/PT Datasheet HTML 22Page - Microchip Technology DSPIC30F6015T-30E/PT Datasheet HTML 23Page - Microchip Technology DSPIC30F6015T-30E/PT Datasheet HTML 24Page - Microchip Technology DSPIC30F6015T-30E/PT Datasheet HTML 25Page - Microchip Technology DSPIC30F6015T-30E/PT Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 236 page
background image
dsPIC30F6010A/6015
DS70150C-page 20
© 2007 Microchip Technology Inc.
2.4.2.4
Data Space Write Saturation
In addition to adder/subtractor saturation, writes to data
space may also be saturated, but without affecting the
contents of the source accumulator. The data space
write saturation logic block accepts a 16-bit, 1.15
fractional value from the round logic block as its input,
together with overflow status from the original source
(accumulator) and the 16-bit round adder. These are
combined and used to select the appropriate 1.15
fractional value as output to write to data space
memory.
If the SATDW bit in the CORCON register is set, data
(after rounding or truncation) is tested for overflow and
adjusted accordingly. For input data greater than
0x007FFF, data written to memory is forced to the max-
imum positive 1.15 value, 0x7FFF. For input data less
than 0xFF8000, data written to memory is forced to the
maximum negative 1.15 value, 0x8000. The MSb of the
source (bit 39) is used to determine the sign of the
operand being tested.
If the SATDW bit in the CORCON register is not set, the
input data is always passed through unmodified under
all conditions.
2.4.3
BARREL SHIFTER
The barrel shifter is capable of performing up to 16-bit
arithmetic or logic right shifts, or up to 16-bit left shifts
in a single cycle. The source can be either of the two
DSP accumulators or the X bus (to support multi-bit
shifts of register or memory data).
The shifter requires a signed binary value to determine
both the magnitude (number of bits) and direction of the
shift operation. A positive value will shift the operand
right. A negative value will shift the operand left. A
value of ‘0’ will not modify the operand.
The barrel shifter is 40 bits wide, thereby obtaining a
40-bit result for DSP shift operations and a 16-bit result
for MCU shift operations. Data from the X bus is pre-
sented to the barrel shifter between bit positions 16 to
31 for right shifts, and bit positions 0 to 15 for left shifts.


유사한 부품 번호 - DSPIC30F6015T-30E/PT

제조업체부품명데이터시트상세설명
logo
Microchip Technology
dsPIC30F6015 MICROCHIP-dsPIC30F6015 Datasheet
3Mb / 236P
High-Performance, 16-bit Digital Signal Controllers
02/18/11
DSPIC30F6015 MICROCHIP-DSPIC30F6015 Datasheet
3Mb / 236P
High-Performance, 16-Bit Digital Signal Controllers
12/08/06
DSPIC30F6015 MICROCHIP-DSPIC30F6015 Datasheet
2Mb / 236P
High-Performance, 16-Bit Digital Signal Controllers
12/08/06
DSPIC30F6015 MICROCHIP-DSPIC30F6015 Datasheet
3Mb / 236P
High-Performance, 16-Bit Digital Signal Controllers
08/29/06
DSPIC30F6015-30I MICROCHIP-DSPIC30F6015-30I Datasheet
3Mb / 236P
High-Performance, 16-Bit Digital Signal Controllers
12/08/06
More results

유사한 설명 - DSPIC30F6015T-30E/PT

제조업체부품명데이터시트상세설명
logo
Microchip Technology
DSPIC33FJ12MC201MM MICROCHIP-DSPIC33FJ12MC201MM Datasheet
4Mb / 284P
High-Performance, 16-Bit Digital Signal Controllers
2007
DSPIC30F6011 MICROCHIP-DSPIC30F6011_06 Datasheet
3Mb / 228P
High-Performance, 16-Bit Digital Signal Controllers
2006
DSPIC30F6010 MICROCHIP-DSPIC30F6010_06 Datasheet
3Mb / 222P
High-Performance, 16-Bit Digital Signal Controllers
2006
DSPIC30F2010 MICROCHIP-DSPIC30F2010_08 Datasheet
2Mb / 204P
High-Performance, 16-bit Digital Signal Controllers
2008
DSPIC30F2011 MICROCHIP-DSPIC30F2011_08 Datasheet
3Mb / 206P
High-Performance, 16-bit Digital Signal Controllers
2008
DSPIC33FJXXXMCX06A MICROCHIP-DSPIC33FJXXXMCX06A Datasheet
2Mb / 352P
High-Performance, 16-bit Digital Signal Controllers
2009
DSPIC30F6010A MICROCHIP-DSPIC30F6010A_11 Datasheet
3Mb / 236P
High-Performance, 16-bit Digital Signal Controllers
2011
DSPIC30F6014A-30IPT MICROCHIP-DSPIC30F6014A-30IPT Datasheet
2Mb / 239P
High-Performance, 16-Bit Digital Signal Controllers
10/19/06
DSPIC33FJ128GP802-I MICROCHIP-DSPIC33FJ128GP802-I Datasheet
2Mb / 403P
High-Performance, 16-bit Digital Signal Controllers
03/26/09
DSPIC33FJ16GS502-E MICROCHIP-DSPIC33FJ16GS502-E Datasheet
5Mb / 346P
High-Performance, 16-bit Digital Signal Controllers
02/04/09
DSPIC33FJ12GP202-E MICROCHIP-DSPIC33FJ12GP202-E Datasheet
3Mb / 242P
High-Performance, 16-Bit Digital Signal Controllers
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com