전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSPIC30F6015T-30E/PT 데이터시트(PDF) 36 Page - Microchip Technology

부품명 DSPIC30F6015T-30E/PT
상세설명  High-Performance, 16-Bit Digital Signal Controllers
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F6015T-30E/PT 데이터시트(HTML) 36 Page - Microchip Technology

Back Button DSPIC30F6015T-30E/PT Datasheet HTML 32Page - Microchip Technology DSPIC30F6015T-30E/PT Datasheet HTML 33Page - Microchip Technology DSPIC30F6015T-30E/PT Datasheet HTML 34Page - Microchip Technology DSPIC30F6015T-30E/PT Datasheet HTML 35Page - Microchip Technology DSPIC30F6015T-30E/PT Datasheet HTML 36Page - Microchip Technology DSPIC30F6015T-30E/PT Datasheet HTML 37Page - Microchip Technology DSPIC30F6015T-30E/PT Datasheet HTML 38Page - Microchip Technology DSPIC30F6015T-30E/PT Datasheet HTML 39Page - Microchip Technology DSPIC30F6015T-30E/PT Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 236 page
background image
dsPIC30F6010A/6015
DS70150C-page 34
© 2007 Microchip Technology Inc.
4.1.3
MOVE AND ACCUMULATOR
INSTRUCTIONS
Move instructions and the DSP Accumulator class of
instructions provide a greater degree of addressing
flexibility than other instructions. In addition to the
addressing modes supported by most MCU instruc-
tions, Move and Accumulator instructions also support
Register Indirect with Register Offset Addressing
mode, also referred to as Register Indexed mode.
In summary, the following addressing modes are
supported by Move and Accumulator instructions:
• Register Direct
• Register Indirect
• Register Indirect Post-Modified
• Register Indirect Pre-Modified
• Register Indirect with Register Offset (Indexed)
• Register Indirect with Literal Offset
• 8-bit Literal
• 16-bit Literal
4.1.4
MAC
INSTRUCTIONS
The dual source operand DSP instructions (CLR, ED,
EDAC, MAC, MPY, MPY.N, MOVSAC
and MSC), also
referred to as MAC instructions, utilize a simplified set of
addressing modes to allow the user to effectively
manipulate the data pointers through Register Indirect
tables.
The two source operand prefetch registers must be a
member of the set {W8, W9, W10, W11}. For data reads,
W8 and W9 will always be directed to the X RAGU and
W10 and W11 will always be directed to the Y AGU. The
Effective Addresses generated (before and after modifi-
cation) must, therefore, be valid addresses within X data
space for W8 and W9 and Y data space for W10 and
W11.
In summary, the following addressing modes are
supported by the MAC class of instructions:
• Register Indirect
• Register Indirect Post-Modified by 2
• Register Indirect Post-Modified by 4
• Register Indirect Post-Modified by 6
• Register Indirect with Register Offset (Indexed)
4.1.5
OTHER INSTRUCTIONS
Besides the various addressing modes outlined above,
some instructions use literal constants of various sizes.
For example, BRA (branch) instructions use 16-bit
signed literals to specify the branch destination directly,
whereas the DISI instruction uses a 14-bit unsigned
literal field. In some instructions, such as ADD Acc, the
source of an operand or result is implied by the opcode
itself. Certain operations, such as NOP, do not have any
operands.
4.2
Modulo Addressing
Modulo Addressing is a method of providing an
automated means to support circular data buffers using
hardware. The objective is to remove the need for
software to perform data address boundary checks
when executing tightly looped code, as is typical in
many DSP algorithms.
Modulo Addressing can operate in either data or
program space (since the data pointer mechanism is
essentially the same for both). One circular buffer can be
supported in each of the X (which also provides the
pointers into program space) and Y data spaces. Modulo
Addressing can operate on any W register pointer.
However, it is not advisable to use W14 or W15 for
Modulo Addressing, since these two registers are used
as the Stack Frame Pointer and Stack Pointer,
respectively.
In general, any particular circular buffer can only be
configured to operate in one direction, as there are
certain restrictions on the buffer start address (for
incrementing buffers) or end address (for decrementing
buffers) based upon the direction of the buffer.
The only exception to the usage restrictions is for
buffers which have a power-of-2 length. As these
buffers satisfy the start and end address criteria, they
may operate in a Bidirectional mode, (i.e., address
boundary checks will be performed on both the lower
and upper address boundaries).
Note:
For the MOV instructions, the addressing
mode specified in the instruction can differ
for the source and destination EA. How-
ever, the 4-bit Wb (Register Offset) field is
shared
between
both
source
and
destination (but typically only used by
one).
Note:
Not all instructions support all the address-
ing
modes
given
above.
Individual
instructions may support different subsets
of these addressing modes.
Note:
Register Indirect with Register Offset
Addressing is only available for W9 (in X
space) and W11 (in Y space).


유사한 부품 번호 - DSPIC30F6015T-30E/PT

제조업체부품명데이터시트상세설명
logo
Microchip Technology
dsPIC30F6015 MICROCHIP-dsPIC30F6015 Datasheet
3Mb / 236P
High-Performance, 16-bit Digital Signal Controllers
02/18/11
DSPIC30F6015 MICROCHIP-DSPIC30F6015 Datasheet
3Mb / 236P
High-Performance, 16-Bit Digital Signal Controllers
12/08/06
DSPIC30F6015 MICROCHIP-DSPIC30F6015 Datasheet
2Mb / 236P
High-Performance, 16-Bit Digital Signal Controllers
12/08/06
DSPIC30F6015 MICROCHIP-DSPIC30F6015 Datasheet
3Mb / 236P
High-Performance, 16-Bit Digital Signal Controllers
08/29/06
DSPIC30F6015-30I MICROCHIP-DSPIC30F6015-30I Datasheet
3Mb / 236P
High-Performance, 16-Bit Digital Signal Controllers
12/08/06
More results

유사한 설명 - DSPIC30F6015T-30E/PT

제조업체부품명데이터시트상세설명
logo
Microchip Technology
DSPIC33FJ12MC201MM MICROCHIP-DSPIC33FJ12MC201MM Datasheet
4Mb / 284P
High-Performance, 16-Bit Digital Signal Controllers
2007
DSPIC30F6011 MICROCHIP-DSPIC30F6011_06 Datasheet
3Mb / 228P
High-Performance, 16-Bit Digital Signal Controllers
2006
DSPIC30F6010 MICROCHIP-DSPIC30F6010_06 Datasheet
3Mb / 222P
High-Performance, 16-Bit Digital Signal Controllers
2006
DSPIC30F2010 MICROCHIP-DSPIC30F2010_08 Datasheet
2Mb / 204P
High-Performance, 16-bit Digital Signal Controllers
2008
DSPIC30F2011 MICROCHIP-DSPIC30F2011_08 Datasheet
3Mb / 206P
High-Performance, 16-bit Digital Signal Controllers
2008
DSPIC33FJXXXMCX06A MICROCHIP-DSPIC33FJXXXMCX06A Datasheet
2Mb / 352P
High-Performance, 16-bit Digital Signal Controllers
2009
DSPIC30F6010A MICROCHIP-DSPIC30F6010A_11 Datasheet
3Mb / 236P
High-Performance, 16-bit Digital Signal Controllers
2011
DSPIC30F6014A-30IPT MICROCHIP-DSPIC30F6014A-30IPT Datasheet
2Mb / 239P
High-Performance, 16-Bit Digital Signal Controllers
10/19/06
DSPIC33FJ128GP802-I MICROCHIP-DSPIC33FJ128GP802-I Datasheet
2Mb / 403P
High-Performance, 16-bit Digital Signal Controllers
03/26/09
DSPIC33FJ16GS502-E MICROCHIP-DSPIC33FJ16GS502-E Datasheet
5Mb / 346P
High-Performance, 16-bit Digital Signal Controllers
02/04/09
DSPIC33FJ12GP202-E MICROCHIP-DSPIC33FJ12GP202-E Datasheet
3Mb / 242P
High-Performance, 16-Bit Digital Signal Controllers
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com