전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSPIC30F6015T-30E/PT 데이터시트(PDF) 37 Page - Microchip Technology

부품명 DSPIC30F6015T-30E/PT
상세설명  High-Performance, 16-Bit Digital Signal Controllers
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F6015T-30E/PT 데이터시트(HTML) 37 Page - Microchip Technology

Back Button DSPIC30F6015T-30E/PT Datasheet HTML 33Page - Microchip Technology DSPIC30F6015T-30E/PT Datasheet HTML 34Page - Microchip Technology DSPIC30F6015T-30E/PT Datasheet HTML 35Page - Microchip Technology DSPIC30F6015T-30E/PT Datasheet HTML 36Page - Microchip Technology DSPIC30F6015T-30E/PT Datasheet HTML 37Page - Microchip Technology DSPIC30F6015T-30E/PT Datasheet HTML 38Page - Microchip Technology DSPIC30F6015T-30E/PT Datasheet HTML 39Page - Microchip Technology DSPIC30F6015T-30E/PT Datasheet HTML 40Page - Microchip Technology DSPIC30F6015T-30E/PT Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 236 page
background image
© 2007 Microchip Technology Inc.
DS70150C-page 35
dsPIC30F6010A/6015
4.2.1
START AND END ADDRESS
The Modulo Addressing scheme requires that a
starting and an ending address be specified and
loaded into the 16-bit Modulo Buffer Address registers:
XMODSRT, XMODEND, YMODSRT and YMODEND
(see Table 3-3).
The length of a circular buffer is not directly specified. It
is
determined
by
the
difference
between
the
corresponding start and end addresses. The maximum
possible length of the circular buffer is 32K words
(64 Kbytes).
4.2.2
W ADDRESS REGISTER
SELECTION
The Modulo and Bit-Reversed Addressing Control
register, MODCON<15:0>, contains enable flags, as
well as a W register field to specify the W Address
registers. The XWM and YWM fields select which
registers will operate with Modulo Addressing. If
XWM = 15, X RAGU and X WAGU Modulo Addressing
are disabled. Similarly, if YWM = 15, Y AGU Modulo
Addressing is disabled.
The X Address Space Pointer W register (XWM) to
which Modulo Addressing is to be applied, is stored in
MODCON<3:0> (see Table 3-3). Modulo Addressing is
enabled for X data space when XWM is set to any value
other than 15 and the XMODEN bit is set at
MODCON<15>.
The Y Address Space Pointer W register (YWM) to
which Modulo Addressing is to be applied, is stored in
MODCON<7:4>. Modulo Addressing is enabled for Y
data space when YWM is set to any value other than 15
and the YMODEN bit is set at MODCON<14>.
FIGURE 4-1:
MODULO ADDRESSING OPERATION EXAMPLE
Note:
Y space Modulo Addressing EA calcula-
tions assume word-sized data (LSb of
every EA is always clear).
0x1100
0x1163
Start Addr = 0x1100
End Addr = 0x1163
Length = 0x0032 words
Byte
Address
MOV
#0x1100,W0
MOV
W0, XMODSRT
;set modulo start address
MOV
#0x1163,W0
MOV
W0,MODEND
;set modulo end address
MOV
#0x8001,W0
MOV
W0,MODCON
;enable W1, X AGU for modulo
MOV
#0x0000,W0
;W0 holds buffer fill value
MOV
#0x1110,W1
;point W1 to buffer
DO
AGAIN,#0x31
;fill the 50 buffer locations
MOV
W0, [W1++]
;fill the next location
AGAIN:
INC
W0,W0
;increment the fill value


유사한 부품 번호 - DSPIC30F6015T-30E/PT

제조업체부품명데이터시트상세설명
logo
Microchip Technology
dsPIC30F6015 MICROCHIP-dsPIC30F6015 Datasheet
3Mb / 236P
High-Performance, 16-bit Digital Signal Controllers
02/18/11
DSPIC30F6015 MICROCHIP-DSPIC30F6015 Datasheet
3Mb / 236P
High-Performance, 16-Bit Digital Signal Controllers
12/08/06
DSPIC30F6015 MICROCHIP-DSPIC30F6015 Datasheet
2Mb / 236P
High-Performance, 16-Bit Digital Signal Controllers
12/08/06
DSPIC30F6015 MICROCHIP-DSPIC30F6015 Datasheet
3Mb / 236P
High-Performance, 16-Bit Digital Signal Controllers
08/29/06
DSPIC30F6015-30I MICROCHIP-DSPIC30F6015-30I Datasheet
3Mb / 236P
High-Performance, 16-Bit Digital Signal Controllers
12/08/06
More results

유사한 설명 - DSPIC30F6015T-30E/PT

제조업체부품명데이터시트상세설명
logo
Microchip Technology
DSPIC33FJ12MC201MM MICROCHIP-DSPIC33FJ12MC201MM Datasheet
4Mb / 284P
High-Performance, 16-Bit Digital Signal Controllers
2007
DSPIC30F6011 MICROCHIP-DSPIC30F6011_06 Datasheet
3Mb / 228P
High-Performance, 16-Bit Digital Signal Controllers
2006
DSPIC30F6010 MICROCHIP-DSPIC30F6010_06 Datasheet
3Mb / 222P
High-Performance, 16-Bit Digital Signal Controllers
2006
DSPIC30F2010 MICROCHIP-DSPIC30F2010_08 Datasheet
2Mb / 204P
High-Performance, 16-bit Digital Signal Controllers
2008
DSPIC30F2011 MICROCHIP-DSPIC30F2011_08 Datasheet
3Mb / 206P
High-Performance, 16-bit Digital Signal Controllers
2008
DSPIC33FJXXXMCX06A MICROCHIP-DSPIC33FJXXXMCX06A Datasheet
2Mb / 352P
High-Performance, 16-bit Digital Signal Controllers
2009
DSPIC30F6010A MICROCHIP-DSPIC30F6010A_11 Datasheet
3Mb / 236P
High-Performance, 16-bit Digital Signal Controllers
2011
DSPIC30F6014A-30IPT MICROCHIP-DSPIC30F6014A-30IPT Datasheet
2Mb / 239P
High-Performance, 16-Bit Digital Signal Controllers
10/19/06
DSPIC33FJ128GP802-I MICROCHIP-DSPIC33FJ128GP802-I Datasheet
2Mb / 403P
High-Performance, 16-bit Digital Signal Controllers
03/26/09
DSPIC33FJ16GS502-E MICROCHIP-DSPIC33FJ16GS502-E Datasheet
5Mb / 346P
High-Performance, 16-bit Digital Signal Controllers
02/04/09
DSPIC33FJ12GP202-E MICROCHIP-DSPIC33FJ12GP202-E Datasheet
3Mb / 242P
High-Performance, 16-Bit Digital Signal Controllers
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com