전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSPIC30F6015T-30E/PT 데이터시트(PDF) 59 Page - Microchip Technology

부품명 DSPIC30F6015T-30E/PT
상세설명  High-Performance, 16-Bit Digital Signal Controllers
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F6015T-30E/PT 데이터시트(HTML) 59 Page - Microchip Technology

Back Button DSPIC30F6015T-30E/PT Datasheet HTML 55Page - Microchip Technology DSPIC30F6015T-30E/PT Datasheet HTML 56Page - Microchip Technology DSPIC30F6015T-30E/PT Datasheet HTML 57Page - Microchip Technology DSPIC30F6015T-30E/PT Datasheet HTML 58Page - Microchip Technology DSPIC30F6015T-30E/PT Datasheet HTML 59Page - Microchip Technology DSPIC30F6015T-30E/PT Datasheet HTML 60Page - Microchip Technology DSPIC30F6015T-30E/PT Datasheet HTML 61Page - Microchip Technology DSPIC30F6015T-30E/PT Datasheet HTML 62Page - Microchip Technology DSPIC30F6015T-30E/PT Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 236 page
background image
© 2007 Microchip Technology Inc.
DS70150C-page 57
dsPIC30F6010A/6015
8.0
I/O PORTS
All of the device pins (except VDD, VSS, MCLR and
OSC1/CLKI) are shared between the peripherals and
the parallel I/O ports.
All I/O input ports feature Schmitt Trigger inputs for
improved noise immunity.
8.1
Parallel I/O (PIO) Ports
When a peripheral is enabled and the peripheral is
actively driving an associated pin, the use of the pin as
a general purpose output pin is disabled. The I/O pin
may be read, but the output driver for the parallel port
bit will be disabled. If a peripheral is enabled, but the
peripheral is not actively driving a pin, that pin may be
driven by a port.
All port pins have three registers directly associated
with the operation of the port pin. The data direction
register (TRISx) determines whether the pin is an input
or an output. If the data direction bit is a ‘1’, then the pin
is an input. All port pins are defined as inputs after a
Reset. Reads from the latch (LATx), read the latch.
Writes to the latch, write the latch (LATx). Reads from
the port (PORTx), read the port pins and writes to the
port pins, write the latch (LATx).
Any bit and its associated data and control registers
that are not valid for a particular device will be
disabled. That means the corresponding LATx and
TRISx registers and the port pin will read as zeros.
When a pin is shared with another peripheral or func-
tion that is defined as an input only, it is nevertheless
regarded as a dedicated port because there is no
other competing source of outputs. An example is the
INT4 pin. Figure 8-1 shows the structure for a
dedicated port.
The format of the registers for PORTA are shown in
Table 8-1.
The TRISA (Data Direction Control) register controls
the direction of the RA<7:0> pins, as well as the INTx
pins and the VREF pins. The LATA register supplies
data to the outputs and is readable/writable. Reading
the PORTA register yields the state of the input pins,
while writing the PORTA register modifies the contents
of the LATA register.
A parallel I/O (PIO) port that shares a pin with a periph-
eral is, in general, subservient to the peripheral. The
peripheral’s output buffer data and control signals are
provided to a pair of multiplexers. The multiplexers
select whether the peripheral or the associated port
has ownership of the output data and control signals of
the I/O pad cell. Figure 8-2 shows how ports are shared
with other peripherals, and the associated I/O cell (pad)
to which they are connected. Table 8-1 shows the
formats of the registers for the shared ports, PORTB
through PORTG.
FIGURE 8-1:
BLOCK DIAGRAM OF A DEDICATED PORT STRUCTURE
Note: This data sheet summarizes features of this
group of dsPIC30F devices and is not intended to be
a complete reference source. For more information
on the CPU, peripherals, register descriptions and
general device functionality, refer to the dsPIC30F
Family Reference Manual (DS70046).
Q
D
CK
WR LAT+
TRIS Latch
I/O Pad
WR Port
Data Bus
Q
D
CK
Data Latch
Read LAT
Read Port
Read TRIS
WR TRIS
I/O Cell
Dedicated Port Module


유사한 부품 번호 - DSPIC30F6015T-30E/PT

제조업체부품명데이터시트상세설명
logo
Microchip Technology
dsPIC30F6015 MICROCHIP-dsPIC30F6015 Datasheet
3Mb / 236P
High-Performance, 16-bit Digital Signal Controllers
02/18/11
DSPIC30F6015 MICROCHIP-DSPIC30F6015 Datasheet
3Mb / 236P
High-Performance, 16-Bit Digital Signal Controllers
12/08/06
DSPIC30F6015 MICROCHIP-DSPIC30F6015 Datasheet
2Mb / 236P
High-Performance, 16-Bit Digital Signal Controllers
12/08/06
DSPIC30F6015 MICROCHIP-DSPIC30F6015 Datasheet
3Mb / 236P
High-Performance, 16-Bit Digital Signal Controllers
08/29/06
DSPIC30F6015-30I MICROCHIP-DSPIC30F6015-30I Datasheet
3Mb / 236P
High-Performance, 16-Bit Digital Signal Controllers
12/08/06
More results

유사한 설명 - DSPIC30F6015T-30E/PT

제조업체부품명데이터시트상세설명
logo
Microchip Technology
DSPIC33FJ12MC201MM MICROCHIP-DSPIC33FJ12MC201MM Datasheet
4Mb / 284P
High-Performance, 16-Bit Digital Signal Controllers
2007
DSPIC30F6011 MICROCHIP-DSPIC30F6011_06 Datasheet
3Mb / 228P
High-Performance, 16-Bit Digital Signal Controllers
2006
DSPIC30F6010 MICROCHIP-DSPIC30F6010_06 Datasheet
3Mb / 222P
High-Performance, 16-Bit Digital Signal Controllers
2006
DSPIC30F2010 MICROCHIP-DSPIC30F2010_08 Datasheet
2Mb / 204P
High-Performance, 16-bit Digital Signal Controllers
2008
DSPIC30F2011 MICROCHIP-DSPIC30F2011_08 Datasheet
3Mb / 206P
High-Performance, 16-bit Digital Signal Controllers
2008
DSPIC33FJXXXMCX06A MICROCHIP-DSPIC33FJXXXMCX06A Datasheet
2Mb / 352P
High-Performance, 16-bit Digital Signal Controllers
2009
DSPIC30F6010A MICROCHIP-DSPIC30F6010A_11 Datasheet
3Mb / 236P
High-Performance, 16-bit Digital Signal Controllers
2011
DSPIC30F6014A-30IPT MICROCHIP-DSPIC30F6014A-30IPT Datasheet
2Mb / 239P
High-Performance, 16-Bit Digital Signal Controllers
10/19/06
DSPIC33FJ128GP802-I MICROCHIP-DSPIC33FJ128GP802-I Datasheet
2Mb / 403P
High-Performance, 16-bit Digital Signal Controllers
03/26/09
DSPIC33FJ16GS502-E MICROCHIP-DSPIC33FJ16GS502-E Datasheet
5Mb / 346P
High-Performance, 16-bit Digital Signal Controllers
02/04/09
DSPIC33FJ12GP202-E MICROCHIP-DSPIC33FJ12GP202-E Datasheet
3Mb / 242P
High-Performance, 16-Bit Digital Signal Controllers
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com