전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC16F010-I/ST 데이터시트(PDF) 102 Page - Microchip Technology

부품명 PIC16F010-I/ST
상세설명  8/14-Pin, 8-Bit Flash Microcontroller
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F010-I/ST 데이터시트(HTML) 102 Page - Microchip Technology

Back Button PIC16F010-I/ST Datasheet HTML 98Page - Microchip Technology PIC16F010-I/ST Datasheet HTML 99Page - Microchip Technology PIC16F010-I/ST Datasheet HTML 100Page - Microchip Technology PIC16F010-I/ST Datasheet HTML 101Page - Microchip Technology PIC16F010-I/ST Datasheet HTML 102Page - Microchip Technology PIC16F010-I/ST Datasheet HTML 103Page - Microchip Technology PIC16F010-I/ST Datasheet HTML 104Page - Microchip Technology PIC16F010-I/ST Datasheet HTML 105Page - Microchip Technology PIC16F010-I/ST Datasheet HTML 106Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 116 page
background image
PIC12F510/16F506
DS41268C-page 100
Preliminary
© 2007 Microchip Technology Inc.
15.2
Package Marking Information (Cont’d)
8-Lead MSOP
XXXXXX
YWWNNN
Example
602/MS
310017
14-Lead TSSOP (4.4 mm)
XXXXXXXX
YYWW
NNN
Example
16F506/ST
0410
017
14-Lead SOIC (3.90 mm)
XXXXXXXXXXX
XXXXXXXXXXX
YYWWNNN
Example
PIC16F506
-I/SL
0410017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com