| 전자부품 데이터시트 검색엔진 |
|
PIC18F23K20-E/SP 데이터시트(PDF) 233 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F23K20-E/SP 데이터시트(HTML) 233 Page - Microchip Technology |
|
233 / 420 page ![]() © 2007 Microchip Technology Inc. Advance Information DS41303B-page 231 PIC18F2XK20/4XK20 FIGURE 18-4: ASYNCHRONOUS TRANSMISSION (BACK-TO-BACK) TABLE 18-1: REGISTERS ASSOCIATED WITH ASYNCHRONOUS TRANSMISSION Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Reset Values on page INTCON GIE/GIEH PEIE/GIEL TMR0IE INT0IE RBIE TMR0IF INT0IF RBIF 57 PIR1 PSPIF(1) ADIF RCIF TXIF SSPIF CCP1IF TMR2IF TMR1IF 60 PIE1 PSPIE(1) ADIE RCIE TXIE SSPIE CCP1IE TMR2IE TMR1IE 60 IPR1 PSPIP(1) ADIP RCIP TXIP SSPIP CCP1IP TMR2IP TMR1IP 60 RCSTA SPEN RX9 SREN CREN ADDEN FERR OERR RX9D 59 TXREG EUSART Transmit Register 59 TXSTA CSRC TX9 TXEN SYNC SENDB BRGH TRMT TX9D 59 BAUDCTL ABDOVF RCIDL DTRXP CKTXP BRG16 — WUE ABDEN 59 SPBRGH EUSART Baud Rate Generator Register, High Byte 59 SPBRG EUSART Baud Rate Generator Register, Low Byte 59 Legend: — = unimplemented locations read as ‘0’. Shaded cells are not used for asynchronous transmission. Note 1: Reserved in PIC18F2XK20 devices; always maintain these bits clear. Transmit Shift Reg Write to TXREG BRG Output (Shift Clock) RC4/C2OUT/TX/CK TXIF bit (Interrupt Reg. Flag) TRMT bit (Transmit Shift Reg. Empty Flag) Word 1 Word 2 Word 1 Word 2 Start bit Stop bit Start bit Transmit Shift Reg Word 1 Word 2 bit 0 bit 1 bit 7/8 bit 0 Note: This timing diagram shows two consecutive transmissions. 1 TCY 1 TCY pin |