전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F23K20-E/SP 데이터시트(PDF) 416 Page - Microchip Technology

부품명 PIC18F23K20-E/SP
상세설명  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/SP 데이터시트(HTML) 416 Page - Microchip Technology

Back Button PIC18F23K20-E/SP Datasheet HTML 412Page - Microchip Technology PIC18F23K20-E/SP Datasheet HTML 413Page - Microchip Technology PIC18F23K20-E/SP Datasheet HTML 414Page - Microchip Technology PIC18F23K20-E/SP Datasheet HTML 415Page - Microchip Technology PIC18F23K20-E/SP Datasheet HTML 416Page - Microchip Technology PIC18F23K20-E/SP Datasheet HTML 417Page - Microchip Technology PIC18F23K20-E/SP Datasheet HTML 418Page - Microchip Technology PIC18F23K20-E/SP Datasheet HTML 419Page - Microchip Technology PIC18F23K20-E/SP Datasheet HTML 420Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 416 / 420 page
background image
PIC18F2XK20/4XK20
DS41303B-page 414
Advance Information
© 2007 Microchip Technology Inc.
(Slave Mode, CKE = 0) .................................... 377
(Slave Mode, CKE = 1) .................................... 378
External Clock Requirements .................................. 369
I2C Bus Data Requirements (Slave Mode) .............. 380
I2C Bus Start/Stop Bits Requirements (Slave Mode) .....
379
Master SSP I2C Bus Data Requirements ................ 382
Master SSP I2C Bus Start/Stop Bits Requirements . 381
Parallel Slave Port Requirements (PIC18F4X20) .... 374
PLL Clock ................................................................. 370
Reset, Watchdog Timer, Oscillator Start-up Timer,
Power-up Timer and Brown-out Reset
Requirements ................................................... 372
Timer0 and Timer1 External Clock Requirements ... 373
USART Synchronous Receive Requirements ......... 383
USART Synchronous Transmission Requirements . 383
Top-of-Stack Access .......................................................... 64
TRISE Register ................................................................ 128
PSPMODE Bit .......................................................... 124
TSTFSZ ............................................................................ 339
Two-Speed Clock Start-up Mode ....................................... 35
Two-Speed Start-up ......................................................... 283
Two-Word Instructions
Example Cases .......................................................... 68
TXREG ............................................................................. 225
TXSTA Register ............................................................... 232
BRGH Bit ................................................................. 235
V
Voltage Reference. See Comparator Voltage
Reference (CVREF)
Voltage References
Fixed Voltage Reference (FVR) ............................... 274
VR Stabilization ........................................................ 274
VREF. SEE ADC Reference Voltage
W
Wake-up on Break ........................................................... 240
Watchdog Timer (WDT) ........................................... 283, 292
Associated Registers ............................................... 293
Control Register ....................................................... 293
Programming Considerations .................................. 292
WCOL ...................................................... 212, 213, 214, 217
WCOL Status Flag ................................... 212, 213, 214, 217
WDTCON Register .......................................................... 293
WWW Address ................................................................ 409
WWW, On-Line Support ...................................................... 8
X
XORLW ............................................................................ 339
XORWF ........................................................................... 340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More