| 전자부품 데이터시트 검색엔진 |
|
PIC18F258-I/LSQTP 데이터시트(PDF) 259 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F258-I/LSQTP 데이터시트(HTML) 259 Page - Microchip Technology |
|
259 / 402 page ![]() © 2006 Microchip Technology Inc. DS41159E-page 257 PIC18FXX8 FIGURE 22-2: VOLTAGE REFERENCE OUTPUT BUFFER EXAMPLE TABLE 22-1: REGISTERS ASSOCIATED WITH COMPARATOR VOLTAGE REFERENCE CVREF Output + – • • CVREF Module Voltage Reference Output Impedance R(1) RA0/AN0 Note 1: R is dependent upon the voltage reference configuration CVRCON<3:0> and CVRCON<5>. Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on POR Value on all other Resets CVRCON CVREN CVROE CVRR CVRSS CVR3 CVR2 CVR1 CVR0 0000 0000 0000 0000 CMCON C2OUT C1OUT C2INV C1INV CIS CM2 CM1 CM0 0000 0000 0000 0000 TRISA — TRISA6 TRISA5 TRISA4 TRISA3 TRISA2 TRISA1 TRISA0 -111 1111 -111 1111 Legend: x = unknown, u = unchanged, - = unimplemented, read as ‘0’. Shaded cells are not used with the comparator voltage reference. |