| 전자부품 데이터시트 검색엔진 |
|
PIC18F258-I/LSQTP 데이터시트(PDF) 192 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F258-I/LSQTP 데이터시트(HTML) 192 Page - Microchip Technology |
|
192 / 402 page ![]() PIC18FXX8 DS41159E-page 190 © 2006 Microchip Technology Inc. FIGURE 18-2: ASYNCHRONOUS TRANSMISSION FIGURE 18-3: ASYNCHRONOUS TRANSMISSION (BACK TO BACK) TABLE 18-6: REGISTERS ASSOCIATED WITH ASYNCHRONOUS TRANSMISSION Word 1 Stop bit Word 1 Transmit Shift Reg Start bit bit 0 bit 1 bit 7/8 Write to TXREG BRG Output (Shift Clock) RC6/TX/CK (pin) TXIF bit (Transmit Buffer Reg. Empty Flag) TRMT bit (Transmit Shift Reg. Empty Flag) Word 1 Transmit Shift Reg. Write to TXREG BRG Output (Shift Clock) RC6/TX/CK (pin) TXIF bit (Interrupt Reg. Flag) TRMT bit (Transmit Shift Reg. Empty Flag) Word 1 Word 2 Word 1 Word 2 Start bit Stop bit Start bit Transmit Shift Reg. Word 1 Word 2 bit 0 bit 1 bit 7/8 bit 0 Note: This timing diagram shows two consecutive transmissions. Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on POR, BOR Value on all other Resets INTCON GIE/GIEH PEIE/GIEL TMR0IE INT0IE RBIE TMR0IF INT0IF RBIF 0000 000x 0000 000u PIR1 PSPIF(1) ADIF RCIF TXIF SSPIF CCP1IF TMR2IF TMR1IF 0000 0000 0000 0000 PIE1 PSPIE(1) ADIE RCIE TXIE SSPIE CCP1IE TMR2IE TMR1IE 0000 0000 0000 0000 IPR1 PSPIP(1) ADIP RCIP TXIP SSPIP CCP1IP TMR2IP TMR1IP 1111 1111 1111 1111 RCSTA SPEN RX9 SREN CREN ADDEN FERR OERR RX9D 0000 000x 0000 000u TXREG USART Transmit Register 0000 0000 0000 0000 TXSTA CSRC TX9 TXEN SYNC — BRGH TRMT TX9D 0000 -010 0000 -010 SPBRG Baud Rate Generator Register 0000 0000 0000 0000 Legend: x = unknown, - = unimplemented locations read as ‘0’. Shaded cells are not used for asynchronous transmission. Note 1: These registers or register bits are not implemented on the PIC18F248 and PIC18F258 and read as ‘0’s. |