전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

I.MX93 데이터시트(PDF) 1 Page - NXP Semiconductors

부품명 I.MX93
상세설명  i.MX 93 Application Processors Data Sheet for Industrial Products
Download  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

I.MX93 데이터시트(HTML) 1 Page - NXP Semiconductors

  I.MX93 Datasheet HTML 1Page - NXP Semiconductors I.MX93 Datasheet HTML 2Page - NXP Semiconductors I.MX93 Datasheet HTML 3Page - NXP Semiconductors I.MX93 Datasheet HTML 4Page - NXP Semiconductors I.MX93 Datasheet HTML 5Page - NXP Semiconductors I.MX93 Datasheet HTML 6Page - NXP Semiconductors I.MX93 Datasheet HTML 7Page - NXP Semiconductors I.MX93 Datasheet HTML 8Page - NXP Semiconductors I.MX93 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 143 page
background image
NXP Semiconductors
Data Sheet: Technical Data
Document Number: IMX93IEC
Rev. 3, 12/2023
MIMX9352CVVXMAB
MIMX9351CVVXMAB
MIMX9332CVVXMAB
MIMX9331CVVXMAB
MIMX9302CVVXDAB
MIMX9301CVVXDAB
MIMX9322CVXXMAB
MIMX9321CVXXMAB
MIMX9312CVXXMAB
MIMX9311CVXXMAB
MIMX9352CVTXMAB
MIMX9351CVTXMAB
MIMX9332CVTXMAB
MIMX9331CVTXMAB
Package Information
Plastic Package
FCBGA 11 x 11 mm, 0.5 mm pitch
FCBGA 9 x 9 mm, 0.5 mm pitch
FCBGA 14 x 14 mm, 0.65 mm pitch
Ordering Information
See Table 2 on page 5
NXP reserves the right to change the production detail specifications as may be required to permit
improvements in the design of its products.
© 2023 NXP Semiconductors. All rights reserved.
1
i.MX 93 introduction
The i.MX 93 family represents NXP’s latest
power-optimized processors for smart home, building
control, contactless HMI, IoT edge, Automotive, and
Industrial applications.
The i.MX 93 includes powerful dual Arm® Cor-
tex®-A55 processors with speeds up to 1.7 GHz inte-
grated with a NPU that accelerates machine learning
inference. A general-purpose Arm® Cortex®-M33 run-
ning up to 250 MHz is for real-time and low-power pro-
cessing. Robust control networks are possible via
CAN-FD interface. Also, dual 1 Gbps Ethernet control-
lers, one supporting Time Sensitive Networking (TSN),
drive gateway applications with low latency.
The i.MX 93 Industrial qualified part is particularly
useful for applications such as:
Industrial human machine interface (HMI)
Industrial vision
Scanning and printing
EV Charging
i.MX 93 Application
Processors Data Sheet
for Industrial Products
1. i.MX 93 introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.1. Ordering information . . . . . . . . . . . . . . . . . . . . . . . 4
2. Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
3. Modules list . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
3.1. Special signal considerations . . . . . . . . . . . . . . . 14
3.2. Unused input and output guidance . . . . . . . . . . . 14
4. Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . 16
4.1. Chip-level conditions . . . . . . . . . . . . . . . . . . . . . . 16
4.2. Power modes . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
4.3. Power supplies requirements and restrictions . . . 28
4.4. PLL electrical characteristics . . . . . . . . . . . . . . . . 29
4.5. I/O DC parameters . . . . . . . . . . . . . . . . . . . . . . . 30
4.6. I/O AC parameters . . . . . . . . . . . . . . . . . . . . . . . . 32
4.7. Differential I/O output buffer impedance . . . . . . . 34
4.8. System modules timing . . . . . . . . . . . . . . . . . . . . 34
4.9. Display and graphics . . . . . . . . . . . . . . . . . . . . . . 39
4.10. Audio . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
4.11. Analog . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 49
4.12. External peripheral interface parameters . . . . . . . 52
5. Boot mode configuration . . . . . . . . . . . . . . . . . . . . . . . . 88
5.1. Boot mode configuration pins . . . . . . . . . . . . . . . 88
5.2. Boot device interface allocation . . . . . . . . . . . . . . 89
6. Package information and contact assignments . . . . . . . 93
6.1. 11 x 11 mm package information . . . . . . . . . . . . . 93
6.2. 9 x 9 mm package information . . . . . . . . . . . . . . 109
6.3. 14 x 14 mm package information . . . . . . . . . . . . 120
7. Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 138
General Business Information


유사한 부품 번호 - I.MX93

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
I.MX93 NXP-I.MX93 Datasheet
2Mb / 112P
   i.MX 93 Application Processors Data Sheet for Automotive Products
Rev. 3, 12/2023
I.MX93 NXP-I.MX93 Datasheet
2Mb / 126P
   i.MX 93 Application Processors Data Sheet for Commercial Products
Rev. 3, 12/2023
More results

유사한 설명 - I.MX93

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
IMXRT1160IEC NXP-IMXRT1160IEC Datasheet
1Mb / 124P
   i.MX RT1160 Crossover Processors Data Sheet for Industrial Products
Rev. 0, 04/2021
IMXRT1024IEC NXP-IMXRT1024IEC Datasheet
1Mb / 90P
   i.MX RT1024 Crossover Processors Data Sheet for Industrial Products
Rev. 0, 11/2020
IMXRT1010IEC NXP-IMXRT1010IEC Datasheet
1Mb / 65P
   i.MX RT1010 Crossover Processors Data Sheet for Industrial Products
Rev. 0, 09/2019
IMXRT1170IEC NXP-IMXRT1170IEC Datasheet
2Mb / 130P
   i.MX RT1170 Crossover Processors Data Sheet for Industrial Products
Rev. 1, 05/2021
IMXRT1015IEC NXP-IMXRT1015IEC Datasheet
1Mb / 71P
   i.MX RT1015 Crossover Processors Data Sheet for Industrial Products
Rev. 2, 03/2021
IMXRT1160XEC NXP-IMXRT1160XEC Datasheet
1Mb / 124P
   i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products
Rev. 0, 04/2021
IMXRT1015CEC NXP-IMXRT1015CEC_V01 Datasheet
2Mb / 72P
   i.MX RT1015 Crossover Processors Data Sheet for Consumer Products
Rev. 3.1, 03/2022
IMXRT1024CEC NXP-IMXRT1024CEC Datasheet
1Mb / 90P
   i.MX RT1024 Crossover Processors Data Sheet for Consumer Products
Rev. 0, 11/2020
IMXRT1170AEC NXP-IMXRT1170AEC Datasheet
1Mb / 140P
   i.MX RT1170 Crossover Processors Data Sheet for Automotive Products
Rev. 3, 07/2022
IMXRT1064CEC NXP-IMXRT1064CEC Datasheet
1Mb / 112P
   i.MX RT1064 Crossover Processors Data Sheet for Consumer Products
IMXRT1010CEC NXP-IMXRT1010CEC Datasheet
1Mb / 65P
   i.MX RT1010 Crossover Processors Data Sheet for Consumer Products
Rev. 0, 09/2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com