전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

I.MXRT1050 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 I.MXRT1050
상세설명  i.MX RT1050 Crossover Processors Data Sheet for Industrial Products
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

I.MXRT1050 데이터시트(HTML) 2 Page - NXP Semiconductors

  I.MXRT1050 Datasheet HTML 1Page - NXP Semiconductors I.MXRT1050 Datasheet HTML 2Page - NXP Semiconductors I.MXRT1050 Datasheet HTML 3Page - NXP Semiconductors I.MXRT1050 Datasheet HTML 4Page - NXP Semiconductors I.MXRT1050 Datasheet HTML 5Page - NXP Semiconductors I.MXRT1050 Datasheet HTML 6Page - NXP Semiconductors I.MXRT1050 Datasheet HTML 7Page - NXP Semiconductors I.MXRT1050 Datasheet HTML 8Page - NXP Semiconductors I.MXRT1050 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 115 page
background image
i.MX RT1050 Crossover Processors Data Sheet for Industrial Products, Rev. 2, 03/2021
2
NXP Semiconductors
i.MX RT1050 introduction
i.MX RT1050 has analog interfaces, such as ADC, ACMP, and TSC.
The i.MX RT1050 is specifically useful for applications such as:
Industrial Human Machine Interfaces (HMI)
Motor Control
Home Appliance
1.1
Features
The i.MX RT1050 processors are based on Arm Cortex-M7 Core™ Platform, which has the following
features:
Supports single Arm Cortex-M7 Core with:
— 32 KB L1 Instruction Cache
— 32 KB L1 Data Cache
— Full featured Floating Point Unit (FPU) with support of the VFPv5 architecture
— Support the Armv7-M Thumb instruction set
Integrated MPU, up to 16 individual protection regions
Up to 512 KB I-TCM and D-TCM in total
Frequency of 528 MHz
Cortex M7 CoreSight™ components integration for debug
Frequency of the core, as per Table 10, "Operating ranges," on page 21.
The SoC-level memory system consists of the following additional components:
— Boot ROM (96 KB)
— On-chip RAM (512 KB)
– Configurable RAM size up to 512 KB shared with M7 TCM
External memory interfaces:
— 8/16-bit SDRAM, up to SDRAM-166
— 8/16-bit SLC NAND FLASH, with ECC handled in software
—SD/eMMC
— SPI NOR/NAND FLASH
— Parallel NOR FLASH with XIP support
— Single/Dual channel Quad SPI FLASH with XIP support
Timers and PWMs:
— Two General Programmable Timers (GPT)
– 4-channel generic 32-bit resolution timer
– Each support standard capture and compare operation
— Four Periodical Interrupt Timer (PIT)
– Generic 16-bit resolution timer
– Periodical interrupt generation


유사한 부품 번호 - I.MXRT1050

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
I.MXRT1060 NXP-I.MXRT1060 Datasheet
2Mb / 119P
   i.MX RT1060 Crossover Processors for Consumer Products
Rev. 4, 04/2024
More results

유사한 설명 - I.MXRT1050

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
IMXRT1050IEC NXP-IMXRT1050IEC Datasheet
1Mb / 93P
   i.MX RT1050 Crossover Processors for Industrial
Rev. 1, 03/2018
IMXRT1024IEC NXP-IMXRT1024IEC Datasheet
1Mb / 90P
   i.MX RT1024 Crossover Processors Data Sheet for Industrial Products
Rev. 0, 11/2020
IMXRT1010IEC NXP-IMXRT1010IEC Datasheet
1Mb / 65P
   i.MX RT1010 Crossover Processors Data Sheet for Industrial Products
Rev. 0, 09/2019
IMXRT1170IEC NXP-IMXRT1170IEC Datasheet
2Mb / 130P
   i.MX RT1170 Crossover Processors Data Sheet for Industrial Products
Rev. 1, 05/2021
IMXRT1015IEC NXP-IMXRT1015IEC Datasheet
1Mb / 71P
   i.MX RT1015 Crossover Processors Data Sheet for Industrial Products
Rev. 2, 03/2021
IMXRT1160IEC NXP-IMXRT1160IEC Datasheet
1Mb / 124P
   i.MX RT1160 Crossover Processors Data Sheet for Industrial Products
Rev. 0, 04/2021
IMXRT1160XEC NXP-IMXRT1160XEC Datasheet
1Mb / 124P
   i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products
Rev. 0, 04/2021
IMXRT1050CEC NXP-IMXRT1050CEC Datasheet
1Mb / 93P
   i.MX RT1050 Crossover Processors for Consumer
Rev. 1, 03/2018
IMXRT1015CEC NXP-IMXRT1015CEC_V01 Datasheet
2Mb / 72P
   i.MX RT1015 Crossover Processors Data Sheet for Consumer Products
Rev. 3.1, 03/2022
IMXRT1064CEC NXP-IMXRT1064CEC Datasheet
1Mb / 112P
   i.MX RT1064 Crossover Processors Data Sheet for Consumer Products
IMXRT1010CEC NXP-IMXRT1010CEC Datasheet
1Mb / 65P
   i.MX RT1010 Crossover Processors Data Sheet for Consumer Products
Rev. 0, 09/2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com