전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

I.MXRT1050 데이터시트(PDF) 1 Page - NXP Semiconductors

부품명 I.MXRT1050
상세설명  i.MX RT1050 Crossover Processors Data Sheet for Industrial Products
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

I.MXRT1050 데이터시트(HTML) 1 Page - NXP Semiconductors

  I.MXRT1050 Datasheet HTML 1Page - NXP Semiconductors I.MXRT1050 Datasheet HTML 2Page - NXP Semiconductors I.MXRT1050 Datasheet HTML 3Page - NXP Semiconductors I.MXRT1050 Datasheet HTML 4Page - NXP Semiconductors I.MXRT1050 Datasheet HTML 5Page - NXP Semiconductors I.MXRT1050 Datasheet HTML 6Page - NXP Semiconductors I.MXRT1050 Datasheet HTML 7Page - NXP Semiconductors I.MXRT1050 Datasheet HTML 8Page - NXP Semiconductors I.MXRT1050 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 115 page
background image
NXP Semiconductors
Data Sheet: Technical Data
Document Number: IMXRT1050IEC
Rev. 2, 03/2021
MIMXRT1051CVL5A
MIMXRT1052CVL5A
MIMXRT1051CVL5B
MIMXRT1052CVL5B
MIMXRT1051CVJ5B
MIMXRT1052CVJ5B
MIMXRT105SCVL5B
Package Information
Plastic Package
196-pin MAPBGA, 10 x 10 mm, 0.65 mm pitch
196-pin MAPBGA, 12 x 12 mm, 0.8 mm pitch
Ordering Information
See Table 1 on page 5
NXP reserves the right to change the production detail specifications as may be required
to permit improvements in the design of its products.
1
i.MX RT1050 introduction
The i.MX RT1050 is a new processor family featuring
NXP’s advanced implementation of the Arm
Cortex®-M7 core, which operates at speeds up to 528
MHz to provide high CPU performance and best
real-time response.
The i.MX RT1050 processor has 512 KB on-chip RAM,
which can be flexibly configured as TCM or
general-purpose on-chip RAM. The i.MX RT1050
integrates advanced power management module with
DCDC and LDO that reduces complexity of external
power supply and simplifies power sequencing. The
i.MX RT1050 also provides various memory interfaces,
including SDRAM, RAW NAND FLASH, NOR
FLASH, SD/eMMC, Quad SPI, and a wide range of
other interfaces for connecting peripherals, such as
WLAN, Bluetooth™, GPS, displays, and camera
sensors. The i.MX RT1050 also has rich audio and video
features, including LCD display, basic 2D graphics,
camera interface, SPDIF, and I2S audio interface. The
i.MX RT1050 Crossover
Processors Data Sheet
for Industrial Products
1. i.MX RT1050 introduction . . . . . . . . . . . . . . . . . . . . . . . . 1
1.1. Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
1.2. Ordering information . . . . . . . . . . . . . . . . . . . . . . . 5
2. Architectural overview . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
2.1. Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
3. Modules list . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
3.1. Special signal considerations . . . . . . . . . . . . . . . 16
3.2. Recommended connections for unused analog
interfaces . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
4. Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . 19
4.1. Chip-level conditions . . . . . . . . . . . . . . . . . . . . . . 19
4.2. System power and clocks . . . . . . . . . . . . . . . . . . 26
4.3. I/O parameters . . . . . . . . . . . . . . . . . . . . . . . . . . 31
4.4. System modules . . . . . . . . . . . . . . . . . . . . . . . . . 38
4.5. External memory interface . . . . . . . . . . . . . . . . . 43
4.6. Display and graphics . . . . . . . . . . . . . . . . . . . . . . 53
4.7. Audio . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 56
4.8. Analog . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 59
4.9. Communication interfaces . . . . . . . . . . . . . . . . . . 66
4.10. Timers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 79
5. Boot mode configuration . . . . . . . . . . . . . . . . . . . . . . . . 81
5.1. Boot mode configuration pins . . . . . . . . . . . . . . . 81
5.2. Boot device interface allocation . . . . . . . . . . . . . . 81
6. Package information and contact assignments . . . . . . . 86
6.1. 10 x 10 mm package information . . . . . . . . . . . . 86
6.2. 12 x 12 mm package information . . . . . . . . . . . . 98
7. Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 110


유사한 부품 번호 - I.MXRT1050

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
I.MXRT1060 NXP-I.MXRT1060 Datasheet
2Mb / 119P
   i.MX RT1060 Crossover Processors for Consumer Products
Rev. 4, 04/2024
More results

유사한 설명 - I.MXRT1050

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
IMXRT1050IEC NXP-IMXRT1050IEC Datasheet
1Mb / 93P
   i.MX RT1050 Crossover Processors for Industrial
Rev. 1, 03/2018
IMXRT1024IEC NXP-IMXRT1024IEC Datasheet
1Mb / 90P
   i.MX RT1024 Crossover Processors Data Sheet for Industrial Products
Rev. 0, 11/2020
IMXRT1010IEC NXP-IMXRT1010IEC Datasheet
1Mb / 65P
   i.MX RT1010 Crossover Processors Data Sheet for Industrial Products
Rev. 0, 09/2019
IMXRT1170IEC NXP-IMXRT1170IEC Datasheet
2Mb / 130P
   i.MX RT1170 Crossover Processors Data Sheet for Industrial Products
Rev. 1, 05/2021
IMXRT1015IEC NXP-IMXRT1015IEC Datasheet
1Mb / 71P
   i.MX RT1015 Crossover Processors Data Sheet for Industrial Products
Rev. 2, 03/2021
IMXRT1160IEC NXP-IMXRT1160IEC Datasheet
1Mb / 124P
   i.MX RT1160 Crossover Processors Data Sheet for Industrial Products
Rev. 0, 04/2021
IMXRT1160XEC NXP-IMXRT1160XEC Datasheet
1Mb / 124P
   i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products
Rev. 0, 04/2021
IMXRT1050CEC NXP-IMXRT1050CEC Datasheet
1Mb / 93P
   i.MX RT1050 Crossover Processors for Consumer
Rev. 1, 03/2018
IMXRT1015CEC NXP-IMXRT1015CEC_V01 Datasheet
2Mb / 72P
   i.MX RT1015 Crossover Processors Data Sheet for Consumer Products
Rev. 3.1, 03/2022
IMXRT1064CEC NXP-IMXRT1064CEC Datasheet
1Mb / 112P
   i.MX RT1064 Crossover Processors Data Sheet for Consumer Products
IMXRT1010CEC NXP-IMXRT1010CEC Datasheet
1Mb / 65P
   i.MX RT1010 Crossover Processors Data Sheet for Consumer Products
Rev. 0, 09/2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com