전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

I-MGBIC-LC03 데이터시트(PDF) 6 Page - Extreme Networks.

부품명 I-MGBIC-LC03
상세설명  High-performance 48-port 10Gb aggregation and leaf switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EXTREMENETWORKS [Extreme Networks.]
홈페이지  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

I-MGBIC-LC03 데이터시트(HTML) 6 Page - Extreme Networks.

Back Button I-MGBIC-LC03 Datasheet HTML 2Page - Extreme Networks. I-MGBIC-LC03 Datasheet HTML 3Page - Extreme Networks. I-MGBIC-LC03 Datasheet HTML 4Page - Extreme Networks. I-MGBIC-LC03 Datasheet HTML 5Page - Extreme Networks. I-MGBIC-LC03 Datasheet HTML 6Page - Extreme Networks. I-MGBIC-LC03 Datasheet HTML 7Page - Extreme Networks. I-MGBIC-LC03 Datasheet HTML 8Page - Extreme Networks. I-MGBIC-LC03 Datasheet HTML 9Page - Extreme Networks. I-MGBIC-LC03 Datasheet HTML 10Page - Extreme Networks. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
• EN 61000-3-2,2014 (Harmonics)
• EN 61000-3-3 2013 (Flicker)
• EN 300 386 v1.6.1(EMC Telecommunications)
• 2014/30/EU EMC Directive
International EMC Certifications
• CISPR 32:2015, Class A (International Emissions)
• AS/NZS CISPR32:2015
• CISPR 24:2010 Class A (International Immunity)
• IEC 61000-4-2:2008/EN 61000-4-2:2009 Electrostatic
Discharge, 8kV Contact, 15 kV Air, Criteria A
• IEC 61000-4-3:2010/EN 61000-4-3:2006 +A1:2008 +A2:2010
Radiated Immunity 10V/m, Criteria A
• IEC 61000-4-4:2012/EN 61000-4-4:2012 Transient Burst, 1kV,
Criteria A
• IEC 61000-4-5:2014/EN 61000-4-5:2014 Surge, 2 kV L-L, 2 kV
L-G, Level 3, Criteria A
• IEC 61000-4-6:2013/EN 61000-4-6:2014 Conducted Immunity,
0.15-80 MHz, 10V/m unmod. RMS, Criteria A
• IEC/EN 61000-4-11:2004 Power Dips & Interruptions, >30%, 25
periods, Criteria C
Country Specific
• VCCI Class A (Japan Emissions)
• ACMA RCM (Australia Emissions)
• CCC Mark
• KCC Mark, EMC Approval (Korea)
Telecom Standards
• CE 2.0 Compliant
Ordering Information
X690 Systems
Part Number
Product Name
Product Description
17350
X690-48x-2q-4c
X690-48x-2q-4c Base unit, 48 1Gb/10Gb SFP+ ports, 2 10Gb/40Gb QSFP+ ports, 4
10Gb/25Gb/40Gb/50Gb/100Gb QSFP28 ports, unpopulated, ExtremeXOS Advanced Edge
License, 2 unpopulated power supply slots, 6 unpopulated fan module slots
17360
X690-48t-2q-4c
X690-48t-2q-4c Base unit, 48 1Gb/10Gb 10GBASE-T ports, 2 10Gb/40Gb QSFP+ ports, 4
10Gb/25Gb/40Gb/50Gb/100Gb QSFP28 ports, unpopulated, ExtremeXOS Advanced Edge
License, 2 unpopulated power supply slots, 6 unpopulated fan module slots
17115
Fan Module FB
Fan module, Front to Back airflow
17116
Fan Module BF
Fan module, Back to Front airflow
10960
770W AC PSU F-B
770W AC power supply, Front-to-Back airflow
10961
770W AC PSU B-F
770W AC power supply, Back-to-Front airflow
10962
1100W DC PSU F-B
1100W DC power supply, Front-to-Back airflow
10963
1100W DC PSU B-F
1100W DC power supply, Back-to-Front airflow
16777
Four Piece Rack Mount Kit, Spare
Spare Four Piece Rack Mount compatible with X690
10965
LRM/MACsec Adapter
LRM/MACsec Adapter, includes two host cables for host switch connection, and USB
cable for optional power connection. Requires MACsec license on host switch
10966
5-unit Rack Mount Kit
Optional rack mount bracket for LRM/MACsec Adapter. Holds five units in 1RU
Fan module and power supplies must be ordered separately.
Air flow direction of the fan module and power supplies must be the same.
AC and DC power supplies cannot be mixed in a system.
Rack mount rails are included.
www.extremenetworks.com
6


유사한 부품 번호 - I-MGBIC-LC03

제조업체부품명데이터시트상세설명
logo
ATGBICS by Approved Tec...
I-MGBIC-LC03-C ATGBICS-I-MGBIC-LC03-C Datasheet
322Kb / 9P
   I-MGBIC-LC03 Enterasys Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
More results

유사한 설명 - I-MGBIC-LC03

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
PEX8548 AVAGO-PEX8548 Datasheet
249Kb / 4P
   High-Performance 48-lane, 9-port PCIe Switch
logo
PLX Technology
PEX8548 PLX-PEX8548 Datasheet
313Kb / 4P
   High-Performance 48-lane, 9-port PCIe Switch
logo
SHINMEI ELECTRIC CO., L...
LSB-1112A SHINMEI-LSB-1112A Datasheet
83Kb / 2P
   Normally close type leaf switch
LSA-1119E SHINMEI-LSA-1119E Datasheet
74Kb / 2P
   Normally open type leaf switch
LSA-1112J5 SHINMEI-LSA-1112J5 Datasheet
87Kb / 1P
   Normally open type leaf switch
logo
Infineon Technologies A...
BGSX210MA18 INFINEON-BGSX210MA18 Datasheet
742Kb / 17P
   DP10T Diversity Cross Switch for Carrier Aggregation
Revision 3.1 - 2016-11-03
logo
Altera Corporation
EP1810EPLD ALTERA-EP1810EPLD Datasheet
1Mb / 22P
   High-Performance 48-Macrocell Devices
logo
PLX Technology
PEX8525 PLX-PEX8525 Datasheet
277Kb / 4P
   High-Performance 24-lane, 5-port PCIe Switch
logo
Infineon Technologies A...
BGSX28MA18 INFINEON-BGSX28MA18 Datasheet
739Kb / 17P
   DP8T Diversity Cross Switch for Carrier Aggregation
Revision 3.1 - 2016-11-03
BGSX212MA18 INFINEON-BGSX212MA18 Datasheet
745Kb / 17P
   DP12T Diversity Cross Switch for Carrier Aggregation
Revision 3.1 - 2016-11-03
logo
Integrated Device Techn...
89HPES48T12 IDT-89HPES48T12 Datasheet
1Mb / 47P
   48-Lane 12-Port PCI Express짰 Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com