| 전자부품 데이터시트 검색엔진 |
|
ST72324BK2 데이터시트(PDF) 129 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72324BK2 데이터시트(HTML) 129 Page - STMicroelectronics |
|
129 / 188 page ![]() ST72324B Instruction set 129/188 11.1.1 Inherent All Inherent instructions consist of a single byte. The opcode fully specifies all the required information for the CPU to process the operation. 11.1.2 Immediate Immediate instructions have two bytes: The first byte contains the opcode and the second byte contains the operand value. Relative Direct jrne loop PC+/-127 + 1 Relative Indirect jrne [$10] PC+/-127 00..FF byte + 2 Bit Direct bset $10,#7 00..FF + 1 Bit Indirect bset [$10],#7 00..FF 00..FF byte + 2 Bit Direct Relative btjt $10,#7,skip 00..FF + 2 Bit Indirect Relative btjt [$10],#7,skip 00..FF 00..FF byte + 3 Table 75. CPU addressing mode overview (continued) Table 76. Inherent instructions Instruction Function NOP No Operation TRAP S/W Interrupt WFI Wait for Interrupt (low power mode) HALT Halt oscillator (lowest power mode) RET Sub-routine Return IRET Interrupt sub-routine Return SIM Set Interrupt Mask (level 3) RIM Reset Interrupt Mask (level 0) SCF Set Carry Flag RCF Reset Carry Flag RSP Reset Stack Pointer LD Load CLR Clear PUSH/POP Push/Pop to/from the stack INC/DEC Increment/Decrement TNZ Test Negative or Zero CPL, NEG 1 or 2 Complement MUL Byte Multiplication SLL, SRL, SRA, RLC, RRC Shift and Rotate operations SWAP Swap nibbles |