| 전자부품 데이터시트 검색엔진 |
|
PC912XDP512J1MPVR 데이터시트(PDF) 392 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC912XDP512J1MPVR 데이터시트(HTML) 392 Page - Freescale Semiconductor, Inc |
|
392 / 1350 page ![]() Chapter 8 Pulse-Width Modulator (S12PWM8B8CV1) MC9S12XDP512 Data Sheet, Rev. 2.17 392 Freescale Semiconductor Either left aligned or center aligned output mode can be used in concatenated mode and is controlled by the low order CAEx bit. The high order CAEx bit has no effect. Table 8-11 is used to summarize which channels are used to set the various control bits when in 16-bit mode. 8.4.2.8 PWM Boundary Cases Table 8-12 summarizes the boundary conditions for the PWM regardless of the output mode (left aligned or center aligned) and 8-bit (normal) or 16-bit (concatenation). 8.5 Resets The reset state of each individual bit is listed within the Section 8.3.2, “Register Descriptions” which details the registers and their bit-fields. All special functions or modes which are initialized during or just following reset are described within this section. • The 8-bit up/down counter is configured as an up counter out of reset. • All the channels are disabled and all the counters do not count. Table 8-11. 16-bit Concatenation Mode Summary CONxx PWMEx PPOLx PCLKx CAEx PWMx Output CON67 PWME7 PPOL7 PCLK7 CAE7 PWM7 CON45 PWME5 PPOL5 PCLK5 CAE5 PWM5 CON23 PWME3 PPOL3 PCLK3 CAE3 PWM3 CON01 PWME1 PPOL1 PCLK1 CAE1 PWM1 Table 8-12. PWM Boundary Cases PWMDTYx PWMPERx PPOLx PWMx Output $00 (indicates no duty) >$00 1 Always low $00 (indicates no duty) >$00 0 Always high XX $001 (indicates no period) 1 Counter = $00 and does not count. 1 Always high XX $001 (indicates no period) 0 Always low >= PWMPERx XX 1 Always high >= PWMPERx XX 0 Always low |
|
링크 URL |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |