전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0CFVR 데이터시트(PDF) 276 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0CFVR
상세설명  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR 데이터시트(HTML) 276 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 272Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 273Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 274Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 275Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 276Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 277Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 278Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 279Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 280Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 1350 page
background image
Chapter 6 XGATE (S12XGATEV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
276
Freescale Semiconductor
Operation
Sets the Interrupt Flag of an XGATE Channel. This instruction supports two source forms. If inherent
address mode is used, then the interrupt flag of the current channel (XGCHID) will be set. If the monadic
address form is used, the interrupt flag associated with the channel id number contained in RS[6:0] is set.
The content of RS[15:7] is ignored.
CCR Effects
Code and CPU Cycles
SIF
Set Interrupt Flag
SIF
NZ
V
C
————
N:
Not affected.
Z:
Not affected.
V:
Not affected.
C:
Not affected.
Source Form
Address
Mode
Machine Code
Cycles
SIF
INH
0000001100000000
PA
SIF RS
MON
0
0
0
0
0
RS
1
1
1
1
0
1
1
1
PA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More