전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0CFVR 데이터시트(PDF) 281 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0CFVR
상세설명  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR 데이터시트(HTML) 281 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 277Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 278Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 279Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 280Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 281Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 282Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 283Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 284Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 285Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 1350 page
background image
Chapter 6 XGATE (S12XGATEV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
281
Operation
RD – IMM8:$00
⇒ RD
Subtracts a signed immediate 8 bit constant from the content of high byte of register RD and using binary
subtraction and stores the result in the high byte of destination register RD. This instruction can be used
after an SUBL for a 16 bit immediate subtraction.
Example:
SUBL
R2,#LOWBYTE
SUBH
R2,#HIGHBYTE
; R2 = R2 - 16 bit immediate
CCR Effects
Code and CPU Cycles
SUBH
Subtract Immediate 8 bit Constant
(High Byte)
SUBH
NZ
V
C
∆∆∆∆
N:
Set if bit 15 of the result is set; cleared otherwise.
Z:
Set if the result is $0000; cleared otherwise.
V:
Set if a two´s complement overflow resulted from the operation; cleared otherwise.
RD[15]old & IMM8[7] & RD[15]new | RD[15]old & IMM8[7] & RD[15]new
C:
Set if there is a carry from the bit 15 of the result; cleared otherwise.
RD[15]old & IMM8[7] | RD[15]old & RD[15]new | IMM8[7] & RD[15]new
Source Form
Address
Mode
Machine Code
Cycles
SUBH RD, #IMM8
IMM8
1
1
0
0
1
RD
IMM8
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More