| 전자부품 데이터시트 검색엔진 |
|
PC912XDP512F0CFVR 데이터시트(PDF) 856 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC912XDP512F0CFVR 데이터시트(HTML) 856 Page - Freescale Semiconductor, Inc |
|
856 / 1350 page ![]() Chapter 22 DP512 Port Integration Module (S12XDP512PIMV2) MC9S12XDP512 Data Sheet, Rev. 2.17 856 Freescale Semiconductor 22.3.2.39 Port P Input Register (PTIP) Read: Anytime. Write: Never, writes to this register have no effect. This register always reads back the buffered state of the associated pins. This can also be used to detect overload or short circuit conditions on output pins. 76543210 R PTIP7 PTIP6 PTIP5 PTIP4 PTIP3 PTIP2 PTIP1 PTIP0 W Reset1 1 These registers are reset to zero. Two bus clock cycles after reset release the register values are updated with the associated pin values. ———————— = Unimplemented or Reserved Figure 22-41. Port P Input Register (PTIP) |