| 전자부품 데이터시트 검색엔진 |
|
PC312XDP512F0CFVR 데이터시트(PDF) 274 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC312XDP512F0CFVR 데이터시트(HTML) 274 Page - Freescale Semiconductor, Inc |
|
274 / 1350 page ![]() Chapter 6 XGATE (S12XGATEV2) MC9S12XDP512 Data Sheet, Rev. 2.17 274 Freescale Semiconductor Operation RS1 - RS2 - C ⇒ RD Subtracts the content of register RS2 and the value of the Carry bit from the content of register RS1 using binary subtraction and stores the result in the destination register RD. Also the zero flag is carried forward from the previous operation allowing 32 and more bit subtractions. Example: SUB R6,R4,R2 SBC R7,R5,R3 ; R7:R6 = R5:R4 - R3:R2 BCC ; conditional branch on 32 bit subtraction CCR Effects Code and CPU Cycles SBC Subtract with Carry SBC NZ V C ∆∆∆∆ N: Set if bit 15 of the result is set; cleared otherwise. Z: Set if the result is $0000 and Z was set before this operation; cleared otherwise. V: Set if a two´s complement overflow resulted from the operation; cleared otherwise. RS1[15] & RS2[15] & RD[15]new | RS1[15] & RS2[15] & RD[15]new C: Set if there is a carry from bit 15 of the result; cleared otherwise. RS1[15] & RS2[15] | RS1[15] & RD[15]new | RS2[15] & RD[15]new Source Form Address Mode Machine Code Cycles SBC RD, RS1, RS2 TRI 0 0 0 1 1 RD RS1 RS2 0 1 P |