| 전자부품 데이터시트 검색엔진 |
|
PC312XDP512F0CFVR 데이터시트(PDF) 732 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC312XDP512F0CFVR 데이터시트(HTML) 732 Page - Freescale Semiconductor, Inc |
|
732 / 1350 page ![]() Chapter 19 Debug (S12XDBGV2) MC9S12XDP512 Data Sheet, Rev. 2.17 732 Freescale Semiconductor When program control returns from a tagged breakpoint using an RTI or BDM GO command without program counter modification it will return to the instruction whose tag generated the breakpoint. Thus care must be taken to avoid re triggering a breakpoint at the same location. This can be done by reconfiguring the DBG module in the SWI routine, (SWI configuration), or by executing a TRACE command before the GO (BDM configuration) to increment the program flow past the tagged instruction. Comparators should not be configured for the vector address range while tagging, since these addresses are not opcode addresses |