| 전자부품 데이터시트 검색엔진 |
|
PC312XDP512F0CFVR 데이터시트(PDF) 796 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC312XDP512F0CFVR 데이터시트(HTML) 796 Page - Freescale Semiconductor, Inc |
|
796 / 1350 page ![]() Chapter 21 External Bus Interface (S12XEBIV2) MC9S12XDP512 Data Sheet, Rev. 2.17 796 Freescale Semiconductor The following terminology is used: ‘addr’ — value(ADDRx); small letters denote the logic values at the respective pins ‘x’ — Undefined output pin values ‘z’ — Tristate pins ‘?’ — Dependent on previous access (read or write); IVDx: ‘ivd’ or ‘x’; DATAx: ‘data’ or ‘z’ 21.4.2.2.1 Read Access Timing Table 21-9. Read Access (1 Cycle) Access #0 Access #1 Bus cycle -> ... 123 ... ECLK phase ... high low high low high low ... ADDR[22:20] / ACC[2:0] ... addr 0 acc 0 addr 1 acc 1 addr 2 acc 2 ... ADDR[19:16] / IQSTAT[3:0] ... iqstat -1 iqstat 0 iqstat 1 ... ADDR[15:0] / IVD[15:0] ... ? ivd 0 ivd 1 ... DATA[15:0] (internal read) ... ? zz z z z ... DATA[15:0] (external read) ... ? z data 0 z data 1 z ... R/W ... 111111 ... Table 21-10. Read Access (2 Cycles) Access #0 Access #1 Bus cycle -> ... 123 ... ECLK phase ... high low high low high low ... ADDR[22:20] / ACC[2:0] ... addr 0 acc 0 addr 0 000 addr 1 acc 1 ... ADDR[19:16] / IQSTAT[3:0] ... iqstat-1 iqstat 0 0000 ... ADDR[15:0] / IVD[15:0] ... ? x ivd 0 ... DATA[15:0] (internal read) ... ? zzzz z ... DATA[15:0] (external read) ... ? z z z data 0 z ... R/W ... 111111 ... Table 21-11. Read Access (n–1 Cycles) Access #0 Access #1 Bus cycle -> ... 123 ... n ... ECLK phase ... high low high low high low ... high low ... ADDR[22:20] / ACC[2:0] ... addr 0 acc 0 addr 0 000 addr 0 000 ... addr 1 acc 1 ... ADDR[19:16] / IQSTAT[3:0] ... iqstat-1 iqstat 0 0000 ... 0000 ... ADDR[15:0] / IVD[15:0] ... ? xx ... ivd 0 ... DATA[15:0] (internal read) ... ? zzzzz ... z z ... DATA[15:0] (external read) ... ? zzzzz ... data 0 z ... R/W ... 111111 ... 11 ... |