| 전자부품 데이터시트 검색엔진 |
|
PC312XDP512F0CFVR 데이터시트(PDF) 970 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC312XDP512F0CFVR 데이터시트(HTML) 970 Page - Freescale Semiconductor, Inc |
|
970 / 1350 page ![]() Chapter 23 DQ256 Port Integration Module (S12XDQ256PIMV2) MC9S12XDP512 Data Sheet, Rev. 2.17 970 Freescale Semiconductor Table 23-70 lists the pin functions in relationship with the different operating modes. If two entries per pin are displayed, a ‘mux’ indicates time-multiplexing between the two functions and an ‘or’ means that a configuration bit exists which can be altered after reset to select the respective function (displayed in italics). Refer to S12X_EBI section for details. Table 23-70. Expanded Bus Pin Functions versus Operating Modes Pin Single-Chip Modes Expanded Modes Normal Single- Chip Special Single- Chip Normal Expanded Emulation Single-Chip Emulation Expanded Special Test PK7 GPIO GPIO GPIO or EWAIT GPIO GPIO or EWAIT GPIO PK[6:4] GPIO GPIO ADDR[22:20] or GPIO ADDR[22:20] mux ACC[2:0] ADDR[22:20] mux ACC[2:0] ADDR[22:20] PK[3:0] GPIO GPIO ADDR[19:16] or GPIO ADDR[19:16] mux IQSTAT[3:0] ADDR[19:16] mux IQSTAT[3:0] ADDR[19:16] PA[7:0] GPIO GPIO ADDR[15:8] or GPIO ADDR[15:8] mux IVD[15:8] ADDR[15:8] mux IVD[15:8] ADDR[15:8] PB[7:1] GPIO GPIO ADDR[7:1] or GPIO ADDR[7:1] mux IVD[7:1] ADDR[7:1] mux IVD[7:1] ADDR[7:1] PB0 GPIO GPIO UDS or GPIO ADDR0 mux IVD0 ADDR0 mux IVD0 ADDR0 PC[7:0] GPIO GPIO DATA[15:8] or GPIO DATA[15:8] DATA[15:8] DATA[15:8] or GPIO PD[7:0] GPIO GPIO DATA[7:0] DATA[7:0] DATA[7:0] DATA[7:0] PE7 GPIO or ECLKX2 GPIO or ECLKX2 GPIO or ECLKX2 ECLKX2 ECLKX2 GPIO or ECLKX2 PE6 GPIO GPIO GPIO TAGHI TAGHI GPIO PE5 GPIO GPIO RE TAGLO TAGLO GPIO PE4 GPIO or ECLK ECLK or GPIO ECLK or GPIO ECLK ECLK ECLK or GPIO PE3 GPIO GPIO LDS or GPIO LSTRB LSTRB LSTRB PE2 GPIO GPIO WE R/WR/WR/W PJ5 GPIO GPIO GPIO or CS2 GPIO GPIO or CS2 GPIO or CS2 PJ4 GPIO GPIO GPIO or CS0 (1) GPIO GPIO or CS0 (1) GPIO or CS0 |