전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC312XDP512F0CAL 데이터시트(PDF) 231 Page - Freescale Semiconductor, Inc

부품명 PC312XDP512F0CAL
상세설명  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CAL 데이터시트(HTML) 231 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CAL Datasheet HTML 227Page - Freescale Semiconductor, Inc PC312XDP512F0CAL Datasheet HTML 228Page - Freescale Semiconductor, Inc PC312XDP512F0CAL Datasheet HTML 229Page - Freescale Semiconductor, Inc PC312XDP512F0CAL Datasheet HTML 230Page - Freescale Semiconductor, Inc PC312XDP512F0CAL Datasheet HTML 231Page - Freescale Semiconductor, Inc PC312XDP512F0CAL Datasheet HTML 232Page - Freescale Semiconductor, Inc PC312XDP512F0CAL Datasheet HTML 233Page - Freescale Semiconductor, Inc PC312XDP512F0CAL Datasheet HTML 234Page - Freescale Semiconductor, Inc PC312XDP512F0CAL Datasheet HTML 235Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 1350 page
background image
Chapter 6 XGATE (S12XGATEV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
231
Operation
!(RS1[w:0] ^ RD[w+o:o])
⇒ RD[w+o:o];
w = (RS2[7:4])
o = (RS2[3:0])
Extracts w+1 bits from register RS1 starting at position 0, performs an XNOR with RD[w+o:o] and writes
the bits back io RD. The remaining bits in RD are not affected. If (o+w) > 15 the upper bits are ignored.
Using R0 as a RS1, this command can be used to toggle bits.
CCR Effects
Code and CPU Cycles
BFINSX
Bit Field Insert and XNOR
BFINSX
NZ
V
C
∆∆
0—
N:
Set if bit 15 of the result is set; cleared otherwise.
Z:
Set if the result is $0000; cleared otherwise.
V:
0; cleared.
C:
Not affected.
Source Form
Address
Mode
Machine Code
Cycles
BFINSX RD, RS1, RS2
TRI
0
1
1
1
1
RD
RS1
RS2
1
1
P
W4
O4
15
0
2
5
W4=3, O4=2
15
0
3
Bit Field Insert XNOR
RS2
RD
RS1
15
0
3
74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More