전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC312XDP512F0CAL 데이터시트(PDF) 267 Page - Freescale Semiconductor, Inc

부품명 PC312XDP512F0CAL
상세설명  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CAL 데이터시트(HTML) 267 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CAL Datasheet HTML 263Page - Freescale Semiconductor, Inc PC312XDP512F0CAL Datasheet HTML 264Page - Freescale Semiconductor, Inc PC312XDP512F0CAL Datasheet HTML 265Page - Freescale Semiconductor, Inc PC312XDP512F0CAL Datasheet HTML 266Page - Freescale Semiconductor, Inc PC312XDP512F0CAL Datasheet HTML 267Page - Freescale Semiconductor, Inc PC312XDP512F0CAL Datasheet HTML 268Page - Freescale Semiconductor, Inc PC312XDP512F0CAL Datasheet HTML 269Page - Freescale Semiconductor, Inc PC312XDP512F0CAL Datasheet HTML 270Page - Freescale Semiconductor, Inc PC312XDP512F0CAL Datasheet HTML 271Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 1350 page
background image
Chapter 6 XGATE (S12XGATEV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
267
Operation
RS1
| RS2 ⇒ RD
RD
| IMM16⇒ RD (translates to ORL RD, #IMM16[7:0]; ORH RD, #IMM16[15:8]
Performs a bit wise logical OR between two 16 bit values and stores the result in the destination
register RD.
CCR Effects
Code and CPU Cycles
OR
Logical OR
OR
NZ
V
C
∆∆
0—
N:
Set if bit 15 of the result is set; cleared otherwise.
Z:
Set if the result is $0000; cleared otherwise.
Refer to ORH instruction for #IMM16 operations.
V:
0; cleared.
C:
Not affected.
Source Form
Address
Mode
Machine Code
Cycles
OR RD, RS1, RS2
TRI
0
0
0
1
0
RD
RS1
RS2
1
0
P
OR RD, #IMM16
IMM8
1
0
1
0
0
RD
IMM16[7:0]
P
IMM8
1
0
1
0
1
RD
IMM16[15:8]
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More