| 전자부품 데이터시트 검색엔진 |
|
PC312XDP512F0CAL 데이터시트(PDF) 311 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC312XDP512F0CAL 데이터시트(HTML) 311 Page - Freescale Semiconductor, Inc |
|
311 / 1350 page ![]() Chapter 7 Enhanced Capture Timer (S12ECT16B8CV2) MC9S12XDP512 Data Sheet, Rev. 2.17 Freescale Semiconductor 311 7.2 External Signal Description The ECT module has a total of eight external pins. 7.2.1 IOC7 — Input Capture and Output Compare Channel 7 This pin serves as input capture or output compare for channel 7. 7.2.2 IOC6 — Input Capture and Output Compare Channel 6 This pin serves as input capture or output compare for channel 6. 7.2.3 IOC5 — Input Capture and Output Compare Channel 5 This pin serves as input capture or output compare for channel 5. 7.2.4 IOC4 — Input Capture and Output Compare Channel 4 This pin serves as input capture or output compare for channel 4. 7.2.5 IOC3 — Input Capture and Output Compare Channel 3 This pin serves as input capture or output compare for channel 3. 7.2.6 IOC2 — Input Capture and Output Compare Channel 2 This pin serves as input capture or output compare for channel 2. 7.2.7 IOC1 — Input Capture and Output Compare Channel 1 This pin serves as input capture or output compare for channel 1. 7.2.8 IOC0 — Input Capture and Output Compare Channel 0 This pin serves as input capture or output compare for channel 0. NOTE For the description of interrupts see Section 7.4.3, “Interrupts”. |