전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC312XDP512F0CAL 데이터시트(PDF) 980 Page - Freescale Semiconductor, Inc

부품명 PC312XDP512F0CAL
상세설명  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CAL 데이터시트(HTML) 980 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CAL Datasheet HTML 976Page - Freescale Semiconductor, Inc PC312XDP512F0CAL Datasheet HTML 977Page - Freescale Semiconductor, Inc PC312XDP512F0CAL Datasheet HTML 978Page - Freescale Semiconductor, Inc PC312XDP512F0CAL Datasheet HTML 979Page - Freescale Semiconductor, Inc PC312XDP512F0CAL Datasheet HTML 980Page - Freescale Semiconductor, Inc PC312XDP512F0CAL Datasheet HTML 981Page - Freescale Semiconductor, Inc PC312XDP512F0CAL Datasheet HTML 982Page - Freescale Semiconductor, Inc PC312XDP512F0CAL Datasheet HTML 983Page - Freescale Semiconductor, Inc PC312XDP512F0CAL Datasheet HTML 984Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 980 / 1350 page
background image
Chapter 24 DG128 Port Integration Module (S12XDG128PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
980
Freescale Semiconductor
M
PM7
TXCAN4
O
MSCAN4 transmit pin
GPIO
GPIO
I/O
General-purpose I/O
PM6
RXCAN4
I
MSCAN4 receive pin
GPIO
I/O
General-purpose I/O
PM5
TXCAN0
O
MSCAN0 transmit pin
TXCAN4
O
MSCAN4 transmit pin
SCK0
I/O
Serial Peripheral Interface 0 serial clock pin
If CAN0 is routed to PM[3:2] the SPI0 can still be used in
bidirectional master mode.
GPIO
I/O
General-purpose I/O
PM4
RXCAN0
I
MSCAN0 receive pin
RXCAN4
I
MSCAN4 receive pin
MOSI0
I/O
Serial Peripheral Interface 0 master out/slave in pin
If CAN0 is routed to PM[3:2] the SPI0 can still be used in
bidirectional master mode.
GPIO
I/O
General-purpose I/O
PM3
TXCAN0
O
MSCAN0 transmit pin
SS0
I/O
Serial Peripheral Interface 0 slave select output in master
mode, input for slave mode or master mode.
GPIO
I/O
General-purpose I/O
PM2
RXCAN0
I
MSCAN0 receive pin
MISO0
I/O
Serial Peripheral Interface 0 master in/slave out pin
GPIO
I/O
General-purpose I/O
PM1
TXCAN0
O
MSCAN0 transmit pin
GPIO
I/O
General-purpose I/O
PM0
RXCAN0
I
MSCAN0 receive pin
GPIO
I/O
General-purpose I/O
Table 24-1. Pin Functions and Priorities (Sheet 3 of 5)
Port
Pin Name
Pin Function
and Priority
I/O
Description
Pin Function
after Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More