전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32H562RI 데이터시트(PDF) 146 Page - STMicroelectronics

부품명 STM32H562RI
상세설명  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562RI 데이터시트(HTML) 146 Page - STMicroelectronics

Back Button STM32H562RI Datasheet HTML 142Page - STMicroelectronics STM32H562RI Datasheet HTML 143Page - STMicroelectronics STM32H562RI Datasheet HTML 144Page - STMicroelectronics STM32H562RI Datasheet HTML 145Page - STMicroelectronics STM32H562RI Datasheet HTML 146Page - STMicroelectronics STM32H562RI Datasheet HTML 147Page - STMicroelectronics STM32H562RI Datasheet HTML 148Page - STMicroelectronics STM32H562RI Datasheet HTML 149Page - STMicroelectronics STM32H562RI Datasheet HTML 150Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 270 page
background image
Electrical characteristics
STM32H562xx and STM32H563xx
146/270
DS14258 Rev 5
Wake-up time from low-power modes
The times given in Table 39 are measured starting from the wake-up event trigger up to the
first instruction executed by the CPU:
•
for Stop or Sleep modes: the wake-up event is WFE.
•
WKUP (PA0) pin is used to wake-up from Standby, Stop and Sleep modes.
All timings are derived from tests performed under ambient temperature and VDD = 3.0 V.
APB2
SAI1
1.13
0.99
0.93
0.82
μA/MHz
SAI2
1.06
0.9
0.85
0.75
SPI1
1.03
0.91
0.85
0.75
SPI4
1.03
0.89
0.83
0.73
SPI6
1.03
0.9
0.85
0.74
TIM1
4.35
3.86
3.52
3.2
TIM15
2.08
1.84
1.69
1.54
TIM16
1.43
1.26
1.16
1.05
TIM17
1.44
1.25
1.17
1.05
TIM8
4.33
3.82
3.5
3.18
USART1
1.24
1.11
1.02
0.91
USBFS
2.53
2.22
2.04
1.84
APB2
1.04
0.92
0.84
0.77
APB3
I2C3
2.43
2.14
1.93
1.76
uA/MHz
I2C4
2.37
2.08
1.89
1.73
LPTIM1
0.92
0.82
0.75
0.67
LPTIM3
0.88
0.77
0.71
0.65
LPTIM4
0.49
0.45
0.41
0.37
LPTIM5
0.84
0.76
0.69
0.63
LPTIM6
0.93
0.82
0.76
0.70
LPUART1
0.84
0.74
0.66
0.63
RTCAPB
1.93
1.70
1.54
1.38
SBS
0.45
0.41
0.38
0.34
SPI5
1.05
0.93
0.84
0.75
VREFBUF
0.08
0.08
0.07
0.05
APB3
0.64
0.57
0.53
0.48
Table 38. Peripheral current consumption in Sleep mode (continued)
Bus
Peripheral
IDD (typ)
Unit
VOS0
VOS1
VOS2
VOS3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com