전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32H562RI 데이터시트(PDF) 160 Page - STMicroelectronics

부품명 STM32H562RI
상세설명  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562RI 데이터시트(HTML) 160 Page - STMicroelectronics

Back Button STM32H562RI Datasheet HTML 156Page - STMicroelectronics STM32H562RI Datasheet HTML 157Page - STMicroelectronics STM32H562RI Datasheet HTML 158Page - STMicroelectronics STM32H562RI Datasheet HTML 159Page - STMicroelectronics STM32H562RI Datasheet HTML 160Page - STMicroelectronics STM32H562RI Datasheet HTML 161Page - STMicroelectronics STM32H562RI Datasheet HTML 162Page - STMicroelectronics STM32H562RI Datasheet HTML 163Page - STMicroelectronics STM32H562RI Datasheet HTML 164Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 270 page
background image
Electrical characteristics
STM32H562xx and STM32H563xx
160/270
DS14258 Rev 5
limit (higher than 5 LSB TUE), out of conventional limits (-5 / +0 µA range) of induced
leakage current on adjacent pins, or other functional failures (such as reset, oscillator
frequency deviation).
The following table shows I/Os current injection susceptibility data. Negative/positive
induced leakage currents are caused, respectively, by negative/positive injection.
5.3.15
I/O port characteristics
General input/output characteristics
Unless otherwise specified, the parameters given in Table 58 are derived from tests
performed under the conditions summarized in Table 20. All I/Os are CMOS and TTL
compliant (except for BOOT0).
Note:
For information on GPIO configuration, refer to AN4899 “STM32 GPIO configuration for
hardware settings and low-power consumption”, available on www.st.com.
Table 57. I/O current injection susceptibility(1)
1. Evaluated by characterization - Not tested in production.
Symbol
Description
Functional susceptibility
Unit
Negative
injection
Positive
injection
IINJ
Injected current on pins PA4, PA5, PB2, PB12,
PC14, PC15, PD8, and PH2
00
mA
Injected current on all other pins
5
N/A
Table 58. I/O static characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
I/O input low level voltage
except BOOT0
1.08 V < VDD < 3.6 V
-
-
0.3 VDDIOx(2)
V
I/O input low level voltage
except BOOT0
-
-
0.4 VDDIOx - 0.1(3)
BOOT0 I/O input low level
voltage
--
0.19 VDDIOx + 0.1(3)
VIH
I/O input high level
voltage except BOOT0
1.08 V < VDD < 3.6 V
0.7 VDDIOx(2)
--
V
I/O input high level
voltage except BOOT0
0.52 VDDIOx +
0.18(3)
--
BOOT0 I/O input high
level voltage
0.17 VDDIOx +
0.6(3)
--
VHYS(3)
TT_xx, FT_xxx and NRST
I/O input hysteresis
1.08 V < VDD < 3.6 V
-
250
-
mV
BOOT0 I/O input
hysteresis
1.71 V < VDD < 3.6 V
-
200
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com