전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32H562RI 데이터시트(PDF) 195 Page - STMicroelectronics

부품명 STM32H562RI
상세설명  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562RI 데이터시트(HTML) 195 Page - STMicroelectronics

Back Button STM32H562RI Datasheet HTML 191Page - STMicroelectronics STM32H562RI Datasheet HTML 192Page - STMicroelectronics STM32H562RI Datasheet HTML 193Page - STMicroelectronics STM32H562RI Datasheet HTML 194Page - STMicroelectronics STM32H562RI Datasheet HTML 195Page - STMicroelectronics STM32H562RI Datasheet HTML 196Page - STMicroelectronics STM32H562RI Datasheet HTML 197Page - STMicroelectronics STM32H562RI Datasheet HTML 198Page - STMicroelectronics STM32H562RI Datasheet HTML 199Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 270 page
background image
DS14258 Rev 5
195/270
STM32H562xx and STM32H563xx
Electrical characteristics
238
5.3.19
Octo-SPI interface characteristics
Unless otherwise specified, the parameters given in Table 88 and Table 89 are derived from
tests performed under the ambient temperature, fHCLK frequency and VDD supply voltage
conditions summarized in Table 20, with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 11
•
Measurement points are done at CMOS levels: 0.5 VDD
•
I/O compensation cell activated
•
HSLV activated when VDD ≤ 2.7 V
•
VOS level set to VOS0
Refer to Section 5.3.15 for more details on the input/output alternate function
characteristics.
Figure 47. OCTOSPI SDR read/write timing diagram
Table 88. OCTOSPI characteristics in SDR mode(1)(2)
Symbol
Parameter
Conditions
Min
Typ
Max(3)
Unit
F(CLK) Clock frequency
1.71 V < VDD < 1.9 V,
CL = 15 pF
--
110
MHz
1.71 V < VDD < 3.6 V,
CL =15 pF
--
150
tw(CLKH) Clock high and low time,
even division
PRESCALER[7:0] = n
(= 0, 1, 3, 5,..., 255)
t(CLK) / 2 - 0.5
-
t(CLK) / 2 + 0.5
ns
tw(CLKL)
t(CLK) / 2 - 0.5
-
t(CK) / 2 + 0.5
tw(CLKH)
Clock high and low time,
odd division
PRESCALER[7:0] = n
(= 2, 4, 6, ..., 254)
(n / 2) * t(CLK) /
(n + 1) - 0.5
-
(n / 2) * t(CLK) /
(n + 1) + 0.5
tw(CLKL)
(n / 2 + 1) * t(CLK) /
(n + 1) - 0.5
-
(n / 2 + 1) * t(CLK) /
(n + 1) + 0.5
ts(IN)
Data input setup time
-
4
-
-
th(IN)
Data input hold time
-
1
-
-
tv(OUT) Data output valid time
-
-
0.5
1
th(OUT) Data output hold time
-
0
-
-
1. All values apply to Octal- and Quad-SPI mode.
2. Evaluated by characterization - Not tested in production.
3. At VOS1 these values are degraded by up to 5%.
MSv36878V3
Data output
D0
D1
D2
Clock
Data input
D0
D1
D2
t(CLK)
tw(CLKH)
tw(CLKL)
tr(CLK)
tf(CLK)
ts(IN)
th(IN)
tv(OUT)
th(OUT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com