전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32H562RI 데이터시트(PDF) 213 Page - STMicroelectronics

부품명 STM32H562RI
상세설명  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562RI 데이터시트(HTML) 213 Page - STMicroelectronics

Back Button STM32H562RI Datasheet HTML 209Page - STMicroelectronics STM32H562RI Datasheet HTML 210Page - STMicroelectronics STM32H562RI Datasheet HTML 211Page - STMicroelectronics STM32H562RI Datasheet HTML 212Page - STMicroelectronics STM32H562RI Datasheet HTML 213Page - STMicroelectronics STM32H562RI Datasheet HTML 214Page - STMicroelectronics STM32H562RI Datasheet HTML 215Page - STMicroelectronics STM32H562RI Datasheet HTML 216Page - STMicroelectronics STM32H562RI Datasheet HTML 217Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 270 page
background image
DS14258 Rev 5
213/270
STM32H562xx and STM32H563xx
Electrical characteristics
238
Gain
Gain error(5)
DAC output buffer ON,
CL≤50 pF, RL ≥5 kΩ
--
±1
%
DAC output buffer OFF,
CL ≤ 50 pF, no RL
--
±1
TUE
Total unadjusted error
DAC output buffer ON,
CL≤50 pF, RL ≥5 kΩ
--
±30
LSB
DAC output buffer OFF,
CL≤50 pF, no RL
±12
TUECal
Total unadjusted error
after calibration
DAC output buffer ON,
CL≤50 pF, RL ≥5 kΩ
--
±23
SNR
Signal-to-noise ratio(6)
DAC output buffer ON, CL≤50 pF,
RL ≥5 kΩ, 1 kHz, BW = 500 kHz
-
67.8
-
dB
DAC output buffer OFF, CL ≤ 50 pF,
no RL,1 kHz, BW = 500 kHz
-
67.8
-
THD
Total harmonic
distortion(6)
DAC output buffer ON,
CL≤50 pF, RL ≥5 kΩ, 1 kHz
-
−78.6
-
DAC output buffer OFF,
CL ≤ 50 pF, no RL, 1 kHz
-
−78.6
-
SINAD
Signal-to-noise and
distortion ratio(6)
DAC output buffer ON,
CL≤50 pF, RL ≥5 kΩ, 1 kHz
-
67.5
-
DAC output buffer OFF,
CL ≤ 50 pF, no RL, 1 kHz
-
67.5
-
ENOB
Effective number of
bits
DAC output buffer ON,
CL≤50 pF, RL ≥ 5 kΩ, 1 kHz
-
10.9
-
bits
DAC output buffer OFF,
CL ≤ 50 pF, no RL, 1 kHz
-
10.9
-
1. Evaluated by characterization - Not tested in production.
2. Difference between two consecutive codes minus 1 LSB.
3. Difference between the value measured at Code i and the value measured at Code i on a line drawn between Code 0 and
last Code 4095.
4. Difference between the value measured at Code (0x001) and the ideal value.
5. Difference between the ideal slope of the transfer function and the measured slope computed from code 0x000 and 0xFFF
when the buffer is OFF, and from code giving 0.2 V and (VREF+ - 0.2 V) when the buffer is ON.
6. Signal is −0.5 dBFS with Fsampling = 1 MHz.
Table 99. DAC accuracy(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com