전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32H563MI 데이터시트(PDF) 122 Page - STMicroelectronics

부품명 STM32H563MI
상세설명  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H563MI 데이터시트(HTML) 122 Page - STMicroelectronics

Back Button STM32H563MI Datasheet HTML 118Page - STMicroelectronics STM32H563MI Datasheet HTML 119Page - STMicroelectronics STM32H563MI Datasheet HTML 120Page - STMicroelectronics STM32H563MI Datasheet HTML 121Page - STMicroelectronics STM32H563MI Datasheet HTML 122Page - STMicroelectronics STM32H563MI Datasheet HTML 123Page - STMicroelectronics STM32H563MI Datasheet HTML 124Page - STMicroelectronics STM32H563MI Datasheet HTML 125Page - STMicroelectronics STM32H563MI Datasheet HTML 126Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 270 page
background image
Electrical characteristics
STM32H562xx and STM32H563xx
122/270
DS14258 Rev 5
5.1.6
Power supply scheme
Figure 20. Power supply scheme with SMPS
MSv71967V3
VDDUSB
VREF-
VSSA
VSS
Analog domain
Core domain
Backup
domain
LDO
Voltage
regulator
Power switch
VDDLDO
VDDSMPS
VLXSMPS
VSSSMPS
VBAT
VDDA
VREF+
VDD
VCAP1/2
VDDIO2
100 nF
100 nF
STM32H5
VDDA
Three different possible use cases
VREF+
100 nF
Two different possible use cases
Battery
100 nF
VDD
100 nF
VDD
100 nF
Two different possible use cases
VDDIO2
Two different possible use cases
SMPS enabled
SMPS disabled
100 pF or 200 pF
4.7
VDDSMPS
VDDIO2
IOs
BKUP
IOs
VDD
IOs
VDD
domain
USB FS
IOs
SMPS
Switched Mode
Power Supply
step down
converter
Defines different use case options
Define power domaines
VDD
VDDUSB
floating
100 nF
Internal VREFBUF
enabled
100 nF
SMPS packages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com