| 전자부품 데이터시트 검색엔진 |
|
TMP89FS60 데이터시트(PDF) 252 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP89FS60 데이터시트(HTML) 252 Page - Toshiba Semiconductor |
|
252 / 410 page ![]() Page 238 17. Synchronous Serial Interface (SIO) 17.1 Configuration TMP89FS60 RA001 17.1 Configuration Figure 17-1 Serial Interface Note: The serial interface input/output pins are also used as the I/O ports. The I/O port register settings are required to use these pins for a serial interface. For details, refer to the chapter of I/O ports. Shift register on transmitter Shift register on receiver Control circuit Shift clock Internal clock Port (Note) Port (Note) MSB/LSB selection Port (Note) Internal bus Internal bus SIO0CR SIO0SR SIO0BUF SIO0BUF INTSIO0 interrupt request SO0 pin SI0 pin SCLK0 pin |