전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UPSD3422EB40U6 데이터시트(PDF) 193 Page - STMicroelectronics

부품명 UPSD3422EB40U6
상세설명  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 데이터시트(HTML) 193 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 189Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 190Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 191Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 192Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 193Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 194Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 195Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 196Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 197Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 293 page
background image
uPSD34xx
PSD module
193/293
Table 103.
HDL statement example generated from PSDsoft express for memory
map
Figure 65.
PSDsoft express memory mapping
28.2.4
EEPROM emulation
EEPROM emulation is needed if it is desired to repeatedly change only a small number of
bytes of data in Flash memory. In this case EEPROM emulation is needed because
although Flash memory can be written byte-by-byte, it must be erased sector-by-sector, it is
not erasable byte-by-byte (unlike EEPROM which is written AND erased byte-by-byte). So
changing one or two bytes in Flash memory typically requires erasing an entire sector each
time only one byte is changed within that sector.
However, two of the 8K byte sectors of Secondary Flash memory may be used to emulate
EEPROM by using a linked-list software technique to create a small data set that is
rs0
=
((address
≥ ^h0000) & (address ≤ ^h1FFF));
csiop
=
((address
≥ ^h2000) & (address ≤ ^h20FF));
fs0
=
((address
≥ ^h0000) & (address ≤ ^h3FFF));
fs1
=
((address
≥ ^h4000) & (address ≤ ^h7FFF));
fs2
=
((page == 0)
& (address
≥ ^h8000)
&
(address
≤ ^hBFFF));
fs3
=
((page == 0)
& (address
≥ ^hC000)
&
(address
≤ ^hFFFF));
fs4
=
((page == 1)
& (address
≥ ^h8000)
&
(address
≤ ^hBFFF));
fs5
=
((page == 1)
& (address
≥ ^hC000)
&
(address
≤ ^hFFFF));
fs6
=
((page == 2)
& (address
≥ ^h8000)
&
(address
≤ ^hBFFF));
fs7
=
((page == 2)
& (address
≥ ^hC000)
&
(address
≤ ^hFFFF));
csboot0 =
((address
≥ ^h8000) & (address ≤ ^h9FFF));
csboot1 =
((address
≥ ^hA000) & (address ≤ ^hBFFF));
csboot2 =
((address
≥ ^hC000) & (address ≤ ^hDFFF));
csboot3 =
((address
≥ ^hE000) & (address ≤ ^hFFFF));



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More