전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP86FS64FG 데이터시트(PDF) 159 Page - Toshiba Semiconductor

부품명 TMP86FS64FG
상세설명  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS64FG 데이터시트(HTML) 159 Page - Toshiba Semiconductor

Back Button TMP86FS64FG Datasheet HTML 155Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 156Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 157Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 158Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 159Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 160Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 161Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 162Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 163Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 252 page
background image
Page 147
TMP86FS64FG
15. Synchronous Serial Interface (SIO1)
The TMP86FS64FG has a clocked-synchronous 8-bit serial interface. Serial interface has an 8-byte transmit and
receive data buffer that can automatically and continuously transfer up to 64 bits of data.
Serial interface is connected to outside peripherl devices via SO1, SI1, SCK1 port.
15.1 Configuration
Figure 15-1 Serial Interface
SIO control / status register
Serial clock
Shift
clock
Shift register
3
2
1
0
7
6
5
4
Transmit and
receive data buffer
(8 bytes in DBR)
Control circuit
CPU
Serial data output
Serial data input
8-bit transfer
4-bit transfer
Serial clock I/O
Buffer control
circuit
SO1
SI1
SCK1
SIO1CR2
SIO1CR1
SIO1SR
INTSIO1 interrupt request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More