| 전자부품 데이터시트 검색엔진 |
|
TMP86FS49BUG 데이터시트(PDF) 247 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP86FS49BUG 데이터시트(HTML) 247 Page - Toshiba Semiconductor |
|
247 / 294 page ![]() Page 231 TMP86FS49BUG Example :After sector erasure (E000H-EFFFH), the program in the RAM area writes data 3FH to address E000H. DI : Disable interrupts (IMF ←"0") LD (WDTCR2),4EH : Clear the WDT binary counter. LDW (WDTCR1),0B101H : Disable the WDT. LD (FLSCR),00111000B : Enable command sequence execution. LD IX,0F555H LD IY,0FAAAH LD HL,0E000H ; #### Flash Memory Sector Erase Process #### LD (IX),0AAH : 1st bus write cycle LD (IY),55H : 2nd bus write cycle LD (IX),80H : 3rd bus write cycle LD (IX),0AAH : 4th bus write cycle LD (IY),55H : 5th bus write cycle LD (HL),30H : 6th bus write cycle sLOOP1: LD W,(HL) CMP W,(HL) JR NZ,sLOOP1 : Loop until the same value is read. ; #### Flash Memory Write Process #### LD (IX),0AAH : 1st bus write cycle LD (IY),55H : 2nd bus write cycle LD (IX),0A0H : 3rd bus write cycle LD (HL),3FH : 4th bus write cycle, (1000H)=3FH sLOOP2: LD W,(HL) CMP W,(HL) JR NZ,sLOOP2 : Loop until the same value is read. LD (FLSCR),11001000B : Disable command sequence execution. JP XXXXH : Jump to the flash memory area. Example :This write control program reads data from address F000H and stores it to 98H in the RAM area. LD A,(0F000H) : Read data from address F000H. LD (98H),A : Store data to address 98H. |