전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

APA06 데이터시트(PDF) 14 Page - Astec America, Inc

부품명 APA06
상세설명  3-5.5Vdc Input, 1.2Vdc - 3.3Vdc Output 20W DC-DC Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ASTEC [Astec America, Inc]
홈페이지  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

APA06 데이터시트(HTML) 14 Page - Astec America, Inc

Back Button APA06_02 Datasheet HTML 7Page - Astec America, Inc APA06_02 Datasheet HTML 8Page - Astec America, Inc APA06_02 Datasheet HTML 9Page - Astec America, Inc APA06_02 Datasheet HTML 10Page - Astec America, Inc APA06_02 Datasheet HTML 11Page - Astec America, Inc APA06_02 Datasheet HTML 12Page - Astec America, Inc APA06_02 Datasheet HTML 13Page - Astec America, Inc APA06_02 Datasheet HTML 14Page - Astec America, Inc APA06_02 Datasheet HTML 15Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
PART NUMBER DESCRIPTION
ss pp c
-0 iv L-
xxx f
yy h n
-
p
-
mx-Options
p = Pin Length
Omit this digit for Standard 5mm
6 = 3.8mm, 7= 5.8mm
iv = Input Voltage
8 = 2.8mm
05 = Range centered on 5V
12 = Range centered on 12V
Enable Logic Polarity
24 = 18 to 36(2:1), 9 to 36V(4:1)
Omit for Positive Enable Logic
36 = 20 to 60V
N = Negative Enable
46 = 18V to 75V (4:1)
Except: AK60C-20H, BK60C-30H
48 = Typ 36 to 75V
Omit for Negative Logice
P = Positive Logic
c = Pinout compatability
A= Astec Footprint or "non Lucent" footprint
H = High Efficiency (Synch rect.)
C= Ind Std, Exact Lucent drop in
Omit H if Conventional Diode (low Eff)
yy = Output Current
pp = Package Type
ie. 08 = 8 Amps
40 = 1" x 2" SMD
42 = 1.5" x 2" SMD
f = # of Outputs
45 = 1.45" X 2.3" (1/4 Brk)
F = Single Output
60 = 2.4" X 2.3" (1/2 Brk)
D = Dual Output
80 = Full size 4.6" x 2.4"
72= 2.35" X 3.3 (3/4 Brk)
xxx = Output Voltage
Format is XX.X (ie 1.8V = 018)
ss = Series
AA = 1/2brick Dual (Old designator)
AK = Ind Std sizes (1/4, 1/2, full) <150W
mx = Options
AM/BM = Full size, astec pin out
M1,M2 = .25" Height Heatsink
AL = Half size, astec pin-out
M3,M4 = .5" height Heatsink
BK = Ind Std size =>150W or feature rich
M5.M6 = 1.0" Height Heatsink
AV = Avansys Product
Note: For some products, they may not conform with the PART NUMBER DESCRIPTION above absolutely.
REVISION Q
ATTACHMENT I
Page 1 of 2


유사한 부품 번호 - APA06_02

제조업체부품명데이터시트상세설명
logo
Astec America, Inc
APA06D04 ASTEC-APA06D04 Datasheet
269Kb / 2P
20 Watts
APA06F05 ASTEC-APA06F05 Datasheet
269Kb / 2P
20 Watts
APA06G05 ASTEC-APA06G05 Datasheet
269Kb / 2P
20 Watts
APA06K04 ASTEC-APA06K04 Datasheet
269Kb / 2P
20 Watts
APA06M04 ASTEC-APA06M04 Datasheet
269Kb / 2P
20 Watts
More results

유사한 설명 - APA06_02

제조업체부품명데이터시트상세설명
logo
Chinfa Electronics Ind....
WDD20-03S1U CHINFA-WDD20-03S1U Datasheet
409Kb / 8P
DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
logo
Lineage Power Corporati...
QPW050A0F1 LINEAGEPOWER-QPW050A0F1 Datasheet
570Kb / 22P
36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
ATH016A0X3 LINEAGEPOWER-ATH016A0X3 Datasheet
568Kb / 19P
2.4 - 5.5Vdc input; 0.75Vdc to 3.3Vdc Output; 16A output current
logo
Chinfa Electronics Ind....
WDD20-03S1U CHINFA-WDD20-03S1U_10 Datasheet
423Kb / 8P
DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
logo
Mean Well Enterprises C...
SKA20 MEANWELL-SKA20 Datasheet
271Kb / 1P
20W DC-DC Regulated Single Output Converter
SKA20 MEANWELL-SKA20_12 Datasheet
272Kb / 1P
20W DC-DC Regulated Single Output Converter
logo
Delta Electronics, Inc.
S24SE3R306 DELTA-S24SE3R306 Datasheet
710Kb / 12P
20W Single/Dual Output DC/DC Converter
logo
Chinfa Electronics Ind....
WDD20U CHINFA-WDD20U_16 Datasheet
348Kb / 5P
DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
logo
MORNSUN Science& Techno...
URE1D12LD-20WR3 MORNSUN-URE1D12LD-20WR3 Datasheet
3Mb / 8P
20W, Ultra wide input, isolated & regulated Dual output, DC/DC converter
VRB121DLD-20WR3 MORNSUN-VRB121DLD-20WR3 Datasheet
3Mb / 9P
20W,wide input isolated & regulated dual / single output DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com