전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

APA06 데이터시트(PDF) 15 Page - Astec America, Inc

부품명 APA06
상세설명  3-5.5Vdc Input, 1.2Vdc - 3.3Vdc Output 20W DC-DC Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ASTEC [Astec America, Inc]
홈페이지  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

APA06 데이터시트(HTML) 15 Page - Astec America, Inc

Back Button APA06_02 Datasheet HTML 7Page - Astec America, Inc APA06_02 Datasheet HTML 8Page - Astec America, Inc APA06_02 Datasheet HTML 9Page - Astec America, Inc APA06_02 Datasheet HTML 10Page - Astec America, Inc APA06_02 Datasheet HTML 11Page - Astec America, Inc APA06_02 Datasheet HTML 12Page - Astec America, Inc APA06_02 Datasheet HTML 13Page - Astec America, Inc APA06_02 Datasheet HTML 14Page - Astec America, Inc APA06_02 Datasheet HTML 15Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
NEW PART NUMBER DESCRIPTION
Ac
s
ii
V1 V2 V3
Vin
-
e t p Mx
Output Voltage
A = 5.0V
E = 7.5V
F = 3.3V
B = 12V, C = 15V
G = 2.5V
L = 8V, H = 24V, R = 28V
D = 2.0V / 2.1V
Omit V2 and V3 if Single Output
Y = 1.8V
Omit V3 if Dual Output
M = 1.5V
ie for Dual Output 5 and 3.3V
K = 1.2V
V1 =A, V2 = F, V3 =Omit
J = 0.9V
V1 =A, V2 = F, V3 =Omit
ii = Output Current Max
ie 60 = 60 Amps
Vin = Input Voltage range
300 = 250V to 450V
S = Size
48 = 36V to 75V
F = Full Brick
24 = 18V to 36V
H = Half Brick
03 = 1.8V to 5.0V
Q = Quarter Brick
08 = 5.0V to 13.0V
S = 1 X 2 18 Pin SMT
PFC: Power Factor Corrected
E = 1 X 2 Thru Hole
C = (.53X1.3X.33) SMT (Austin Lite drop in)
E = Enable Logic for > 15W
V = Conventional Package (2X2.56") or (
Omit this digit for Positive enable
A = SIP
N = Negative Logic
W = Convent pkg (Wide 2.5X3)
E = Enable Logic for < 15W
R = 1 X 1 Thru Hole
Omit this digit for no enable option
A = SIP
1 = Negative Logic
T = 1.6 X 2
4 = Positive Logic
c = Construction
Trim for 1W to 15W
E = Enhanced Thermals (Baseplate or adapter plate)
9 = Trim Added
I = Integrated (Full Featured) Hong Kong models
L = Low Profile (Open Frame, No case - Isolated)
P = Open Frame (SIP or SMT) non-isolated
P = Pin Length
Omit this digit for Standard 5mm
6 = 3.8mm
8 = 2.8mm
7 = 5.8 mm
Mx - Factory Options
customer Specific
Note: For some products, they may not conform with the NEW PART NUMBER DESCRIPTION above absolutely.
REVISION Q
ATTACHMENT I
Page 2 of 2


유사한 부품 번호 - APA06_02

제조업체부품명데이터시트상세설명
logo
Astec America, Inc
APA06D04 ASTEC-APA06D04 Datasheet
269Kb / 2P
20 Watts
APA06F05 ASTEC-APA06F05 Datasheet
269Kb / 2P
20 Watts
APA06G05 ASTEC-APA06G05 Datasheet
269Kb / 2P
20 Watts
APA06K04 ASTEC-APA06K04 Datasheet
269Kb / 2P
20 Watts
APA06M04 ASTEC-APA06M04 Datasheet
269Kb / 2P
20 Watts
More results

유사한 설명 - APA06_02

제조업체부품명데이터시트상세설명
logo
Chinfa Electronics Ind....
WDD20-03S1U CHINFA-WDD20-03S1U Datasheet
409Kb / 8P
DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
logo
Lineage Power Corporati...
QPW050A0F1 LINEAGEPOWER-QPW050A0F1 Datasheet
570Kb / 22P
36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
ATH016A0X3 LINEAGEPOWER-ATH016A0X3 Datasheet
568Kb / 19P
2.4 - 5.5Vdc input; 0.75Vdc to 3.3Vdc Output; 16A output current
logo
Chinfa Electronics Ind....
WDD20-03S1U CHINFA-WDD20-03S1U_10 Datasheet
423Kb / 8P
DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
logo
Mean Well Enterprises C...
SKA20 MEANWELL-SKA20 Datasheet
271Kb / 1P
20W DC-DC Regulated Single Output Converter
SKA20 MEANWELL-SKA20_12 Datasheet
272Kb / 1P
20W DC-DC Regulated Single Output Converter
logo
Delta Electronics, Inc.
S24SE3R306 DELTA-S24SE3R306 Datasheet
710Kb / 12P
20W Single/Dual Output DC/DC Converter
logo
Chinfa Electronics Ind....
WDD20U CHINFA-WDD20U_16 Datasheet
348Kb / 5P
DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
logo
MORNSUN Science& Techno...
URE1D12LD-20WR3 MORNSUN-URE1D12LD-20WR3 Datasheet
3Mb / 8P
20W, Ultra wide input, isolated & regulated Dual output, DC/DC converter
VRB121DLD-20WR3 MORNSUN-VRB121DLD-20WR3 Datasheet
3Mb / 9P
20W,wide input isolated & regulated dual / single output DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com