| 전자부품 데이터시트 검색엔진 |
|
STM32G474CEU6TR 데이터시트(PDF) 201 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G474CEU6TR 데이터시트(HTML) 201 Page - STMicroelectronics |
|
201 / 232 page ![]() DS12288 Rev 1 201/232 STM32G474xB STM32G474xC STM32G474xE Electrical characteristics 201 Figure 52. Quad SPI timing diagram - DDR mode 5.3.30 UCPD characteristics UCPD1 controller complies with USB Type-C Rev.1.2 and USB Power Delivery Rev. 3.0 specifications. Table 110. UCPD characteristics Symbol Parameter Conditions Min Typ Max Unit VDD UCPD operating supply voltage Sink mode only 3.0 3.3 3.6 V Sink and source mode 3.135 3.3 3.465 V |