| 전자부품 데이터시트 검색엔진 |
|
STM32F412RGJ7PTR 데이터시트(PDF) 194 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F412RGJ7PTR 데이터시트(HTML) 194 Page - STMicroelectronics |
|
194 / 201 page ![]() Application block diagrams STM32F412xE/G 194/201 DocID028087 Rev 7 Figure 83. USB peripheral-only Full speed mode, VBUS detection using GPIO 1. External voltage regulator only needed when building a VBUS powered device. Figure 84. USB controller configured as host-only and used in full speed mode 1. The current limiter is required only if the application has to support a VBUS powered device. A basic power switch can be used if 5 V are available on the application board. |