| 전자부품 데이터시트 검색엔진 |
|
STM32F412VGJ6TR 데이터시트(PDF) 192 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F412VGJ6TR 데이터시트(HTML) 192 Page - STMicroelectronics |
|
192 / 201 page ![]() Recommendations when using the internal reset OFF STM32F412xE/G 192/201 DocID028087 Rev 7 Appendix A Recommendations when using the internal reset OFF When the internal reset is OFF, the following integrated features are no longer supported: • The integrated power-on-reset (POR)/power-down reset (PDR) circuitry is disabled. • The brownout reset (BOR) circuitry must be disabled. By default BOR is OFF. • The embedded programmable voltage detector (PVD) is disabled. • VBAT functionality is no more available and VBAT pin should be connected to VDD. |