| 전자부품 데이터시트 검색엔진 |
|
STM32F412CEJ7P 데이터시트(PDF) 105 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F412CEJ7P 데이터시트(HTML) 105 Page - STMicroelectronics |
|
105 / 201 page ![]() DocID028087 Rev 7 105/201 STM32F412xE/G Electrical characteristics 166 6.3.7 Wakeup time from low-power modes The wakeup times given in Table 38 are measured starting from the wakeup event trigger up to the first instruction executed by the CPU: • For Stop or Sleep modes: the wakeup event is WFE. • WKUP (PA0/PC0/PC1) pins are used to wakeup from Standby, Stop and Sleep modes. Figure 26. Low-power mode wakeup All timings are derived from tests performed under ambient temperature and VDD=3.3 V. |