전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F412VGJ7P 데이터시트(PDF) 103 Page - STMicroelectronics

부품명 STM32F412VGJ7P
상세설명  Arm®-Cortex®-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412VGJ7P 데이터시트(HTML) 103 Page - STMicroelectronics

Back Button STM32F412VGJ7P Datasheet HTML 99Page - STMicroelectronics STM32F412VGJ7P Datasheet HTML 100Page - STMicroelectronics STM32F412VGJ7P Datasheet HTML 101Page - STMicroelectronics STM32F412VGJ7P Datasheet HTML 102Page - STMicroelectronics STM32F412VGJ7P Datasheet HTML 103Page - STMicroelectronics STM32F412VGJ7P Datasheet HTML 104Page - STMicroelectronics STM32F412VGJ7P Datasheet HTML 105Page - STMicroelectronics STM32F412VGJ7P Datasheet HTML 106Page - STMicroelectronics STM32F412VGJ7P Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 201 page
background image
DocID028087 Rev 7
103/201
STM32F412xE/G
Electrical characteristics
166
APB1
AHB-APB1 bridge
1.10
1.00
0.94
µA/MHz
TIM2
13.62
12.95
11.59
TIM3
10.56
10.05
8.97
TIM4
10.72
10.21
9.12
TIM5
13.46
12.83
11.47
TIM6
2.92
2.79
2.47
TIM7
2.72
2.60
2.31
TIM12
6.22
5.93
5.28
TIM13
4.70
4.48
3.97
TIM14
4.60
4.38
3.91
WWDG
1.76
1.67
1.47
SPI2/I2S2
4.04
3.83
3.41
SPI3/I2S3
4.26
4.05
3.62
USART2
4.42
4.19
3.75
USART3
4.44
4.21
3.75
I2C1
4.32
4.10
3.66
I2C2
4.36
4.17
3.69
I2C3
4.36
4.14
3.69
I2CFMP1
5.96
5.69
5.06
CAN1
6.18
5.90
5.25
CAN2
5.86
5.52
4.97
PWR
1.82
1.69
1.56
Table 37. Peripheral current consumption (continued)
Peripheral
IDD (Typ)
Unit
Scale 1
Scale 2
Scale 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More