전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F412CEJ3P 데이터시트(PDF) 193 Page - STMicroelectronics

부품명 STM32F412CEJ3P
상세설명  Arm®-Cortex®-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412CEJ3P 데이터시트(HTML) 193 Page - STMicroelectronics

Back Button STM32F412CEJ3P Datasheet HTML 189Page - STMicroelectronics STM32F412CEJ3P Datasheet HTML 190Page - STMicroelectronics STM32F412CEJ3P Datasheet HTML 191Page - STMicroelectronics STM32F412CEJ3P Datasheet HTML 192Page - STMicroelectronics STM32F412CEJ3P Datasheet HTML 193Page - STMicroelectronics STM32F412CEJ3P Datasheet HTML 194Page - STMicroelectronics STM32F412CEJ3P Datasheet HTML 195Page - STMicroelectronics STM32F412CEJ3P Datasheet HTML 196Page - STMicroelectronics STM32F412CEJ3P Datasheet HTML 197Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 201 page
background image
DocID028087 Rev 7
193/201
STM32F412xE/G
Application block diagrams
196
Appendix B
Application block diagrams
B.1
USB OTG full speed (FS) interface solutions
Figure 81. USB controller configured as peripheral-only and used in Full speed mode
1. External voltage regulator only needed when building a VBUS powered device.
Figure 82. USB peripheral-only Full speed mode with direct connection
for VBUS sense
1. External voltage regulator only needed when building a VBUS powered device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More