| 전자부품 데이터시트 검색엔진 |
|
STM32F412RGU3 데이터시트(PDF) 200 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F412RGU3 데이터시트(HTML) 200 Page - STMicroelectronics |
|
200 / 201 page ![]() Revision history STM32F412xE/G 200/201 DocID028087 Rev 7 13-Jul-2017 6 Updated: – Table 2: STM32F412xE/G features and peripheral counts – Table 7: USART feature comparison – Table 9: STM32F412xE/G pin definition – Section 3.29: Digital filter for sigma-delta modulators (DFSDM) – Table 107: UFBGA144 - 144-pin, 10 x 10 mm, 0.80 mm pitch, ultra fine pitch ball grid array package mechanical data Added: – Section 4.1: WLSCP64 pinout description – Section 4.2: UFQFPN48 pinout description – Section 4.3: LQFP64 pinout description – Section 4.4: LQFP100 pinout description – Section 4.5: LQFP144 pinout description – Section 4.6: UFBGA100 pinout description – Section 4.7: UFBGA144 pinout description – Section 4.8: Pin definition – Table 10: FSMC pin definition 19-Dec-2017 7 Updated: – Table 23: Typical and maximum current consumption, code with data processing (ART accelerator disabled) running from SRAM - VDD = 3.6 V – Table 23: Typical and maximum current consumption, code with data processing (ART accelerator disabled) running from SRAM - VDD = 3.6 V – Table 32: Typical and maximum current consumption in Stop mode - VDD=3.6 V – Table 34: Typical and maximum current consumption in Standby mode - VDD= 3.6 V Table 111. Document revision history Date Revision Changes |