전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F205RBH7 데이터시트(PDF) 161 Page - STMicroelectronics

부품명 STM32F205RBH7
상세설명  ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F205RBH7 데이터시트(HTML) 161 Page - STMicroelectronics

Back Button STM32F205RBH7 Datasheet HTML 157Page - STMicroelectronics STM32F205RBH7 Datasheet HTML 158Page - STMicroelectronics STM32F205RBH7 Datasheet HTML 159Page - STMicroelectronics STM32F205RBH7 Datasheet HTML 160Page - STMicroelectronics STM32F205RBH7 Datasheet HTML 161Page - STMicroelectronics STM32F205RBH7 Datasheet HTML 162Page - STMicroelectronics STM32F205RBH7 Datasheet HTML 163Page - STMicroelectronics STM32F205RBH7 Datasheet HTML 164Page - STMicroelectronics STM32F205RBH7 Datasheet HTML 165Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 184 page
background image
DocID15818 Rev 15
161/184
STM32F20xxx
Package information
183
Figure 85. LQFP144 - 144-pin,20 x 20 mm low-profile quad flat package
recommended footprint
1. Dimensions are expressed in millimeters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More