| 전자부품 데이터시트 검색엔진 |
|
STM32MP151AAB3 데이터시트(PDF) 101 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32MP151AAB3 데이터시트(HTML) 101 Page - STMicroelectronics |
|
101 / 245 page ![]() Port Z PZ2 - - I2C6_SCL I2C2_SCL I2C5_SMBA SPI1_MOSI/ I2S1_SDO I2C4_SMBA USART1_TX PZ3 - - I2C6_SDA I2C2_SDA I2C5_SDA SPI1_NSS/ I2S1_WS I2C4_SDA USART1_CTS/ USART1_NSS PZ4 - - I2C6_SCL I2C2_SCL I2C5_SCL - I2C4_SCL - PZ5 - - I2C6_SDA I2C2_SDA I2C5_SDA - I2C4_SDA USART1_RTS/ USART1_DE PZ6 - - I2C6_SCL I2C2_SCL USART1_CK I2S1_MCK I2C4_SMBA USART1_RX PZ7 - - I2C6_SDA I2C2_SDA - - - USART1_TX 1. Refer to Table 9 for AF8 to AF15. Table 8. Alternate function AF0 to AF7(1) (continued) Port AF0AF1 AF2AF3 AF4AF5 AF6 AF7 HDP/SYS/RTC TIM1/2/16/17/ LPTIM1/SYS/ RTC SAI1/4/I2C6/ TIM3/4/5/12/ HDP/SYS SAI4/I2C2/ TIM8/ LPTIM2/3/4/5/ DFSDM1 /SDMMC1 SAI4/ I2C1/2/3/4/5/ USART1/ TIM15/LPTIM2/ DFSDM1/CEC SPI1/I2S1/ SPI2/I2S2/ SPI3/I2S3/ SPI4/5/6/I2C1/ SDMMC1/3/ CEC SPI3/I2S3/ SAI1/3/4/ I2C4/UART4/ DFSDM1 SPI2/I2S2/ SPI3/I2S3/ SPI6/ USART1/2/3/6/ UART7/ SDMMC2 |