| 전자부품 데이터시트 검색엔진 |
|
LSF0108 데이터시트(PDF) 155 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
LSF0108 데이터시트(HTML) 155 Page - Nexperia B.V. All rights reserved |
|
155 / 234 page ![]() Type number Description V CC (V) Logic switching levels Output drive capability (mA) t pd (ns) Output Load C L (pF) Number of bits T amb (°C) 74LVT16373A 16-bit D-type transparent latch with bus hold (3-state) 2.7 - 3.6 TTL -32 / 64 1.9 50 16 -40 to 85 74LVT573 Octal D-type transparent latch (3-state) 2.7 - 3.6 TTL -32 / 64 2.7 50 8 -40 to 85 HEF40373B Octal D-type transparent latch (3-state) 3.0 - 15.0 CMOS -50 / 62 40 50 8 -40 to 85 HEF4043B Quad R/S latch with set and reset (3-state) 3.0 - 15.0 CMOS ±2.4 25 50 4 -40 to 85 Latches/Registered drivers Synchronous interface analog & logic ICs 155 |