전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L9680 데이터시트(PDF) 102 Page - STMicroelectronics

부품명 L9680
상세설명  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 데이터시트(HTML) 102 Page - STMicroelectronics

Back Button L9680_V01 Datasheet HTML 98Page - STMicroelectronics L9680_V01 Datasheet HTML 99Page - STMicroelectronics L9680_V01 Datasheet HTML 100Page - STMicroelectronics L9680_V01 Datasheet HTML 101Page - STMicroelectronics L9680_V01 Datasheet HTML 102Page - STMicroelectronics L9680_V01 Datasheet HTML 103Page - STMicroelectronics L9680_V01 Datasheet HTML 104Page - STMicroelectronics L9680_V01 Datasheet HTML 105Page - STMicroelectronics L9680_V01 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 286 page
background image
SPI interfaces
L9680
102/286
DS11615 Rev 7
7.4.29
Diagnostic result register for deployment loops (LPDIAGSTAT)
ID:
37
Type:
R
Read:
3700
Write:
-
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MOSI
-
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
MISO
0
FP
DIAG_LEVEL
0
0
0 Diagnostic mode selector
Not present for low level diagnostic
Updated by SSM_RESET or SPI write to LPDIAGREQ
0 low level mode
1 high level mode
TIP
0
0
0 High level diagnostic test is running
Updated by SSM_RESET or Loops diagnostic state machine
0 High level diagnostic test is not running
1 High level diagnostic test is running
FP
0
0
0 Fault present before requested diagnostic
Updated by SSM_RESET or Loops diagnostic state machine
0 Fault not present before requested diagnostic
1 Fault present before requested diagnostic
FETON
0
0
0 FET activation during diagnostic
Updated by SSM_RESET or Loops diagnostic state machine or when HS or
LS FET is activated during DIAG state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More