전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L151VDT6D 데이터시트(PDF) 116 Page - STMicroelectronics

부품명 STM32L151VDT6D
상세설명  Ultra-low-power 32-bit MCU ARM® Cortex®-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151VDT6D 데이터시트(HTML) 116 Page - STMicroelectronics

Back Button STM32L151VDT6D Datasheet HTML 112Page - STMicroelectronics STM32L151VDT6D Datasheet HTML 113Page - STMicroelectronics STM32L151VDT6D Datasheet HTML 114Page - STMicroelectronics STM32L151VDT6D Datasheet HTML 115Page - STMicroelectronics STM32L151VDT6D Datasheet HTML 116Page - STMicroelectronics STM32L151VDT6D Datasheet HTML 117Page - STMicroelectronics STM32L151VDT6D Datasheet HTML 118Page - STMicroelectronics STM32L151VDT6D Datasheet HTML 119Page - STMicroelectronics STM32L151VDT6D Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 154 page
background image
Electrical characteristics
STM32L151xD STM32L152xD
116/154
DocID022027 Rev 11
ODD bit value, digital contribution leads to a min of (I2SDIV/(2*I2SDIV+ODD) and a max of
(I2SDIV+ODD)/(2*I2SDIV+ODD). Fs max is supported for each mode/condition.
Figure 33. I2S slave timing diagram (Philips protocol)(1)
1. Measurement points are done at CMOS levels: 0.3 × VDD and 0.7 × VDD.
2. LSB transmit/receive of the previously transmitted byte. No LSB transmit/receive is sent before the first
byte.
Figure 34. I2S master timing diagram (Philips protocol)(1)
1. Guaranteed by characterization results.
2. LSB transmit/receive of the previously transmitted byte. No LSB transmit/receive is sent before the first
byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More