전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STA108X 데이터시트(PDF) 123 Page - STMicroelectronics

부품명 STA108X
상세설명  Accordo2 family – Automotive dual core processor for car radio and display audio application
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA108X 데이터시트(HTML) 123 Page - STMicroelectronics

Back Button STA108X Datasheet HTML 119Page - STMicroelectronics STA108X Datasheet HTML 120Page - STMicroelectronics STA108X Datasheet HTML 121Page - STMicroelectronics STA108X Datasheet HTML 122Page - STMicroelectronics STA108X Datasheet HTML 123Page - STMicroelectronics STA108X Datasheet HTML 124Page - STMicroelectronics STA108X Datasheet HTML 125Page - STMicroelectronics STA108X Datasheet HTML 126Page - STMicroelectronics STA108X Datasheet HTML 127Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 123 / 127 page
background image
DS13319 Rev 2
123/127
STA108x, STA109x
Package information
126
7
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK packages, depending on their level of environmental compliance. ECOPACK
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.
7.1
LFBGA361 (16x16x1.7 mm) package information
Figure 41. LFBGA361 (16x16x1.7 mm) package outline
A1 CORNER
INDEX AREA
Ø b (361 BALLS)
1
A
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
18 19
V
W
A
A1
A4
A2
D
D1
e
Z
BOTTOM VIEW
A
M
C
eee
M
fff
C
B
A
ddd
C
C
SEATING
PLANE
B
GAPGPS03418
8125732_C_XN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More